Electronic Components Datasheet Search
  English  ▼

X  

AT9917 Datasheet(PDF) 4 Page - Supertex, Inc

Part # AT9917
Description  Automotive LED Driver IC with High Current Accuracy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9917 Datasheet(HTML) 4 Page - Supertex, Inc

  AT9917 Datasheet HTML 1Page - Supertex, Inc AT9917 Datasheet HTML 2Page - Supertex, Inc AT9917 Datasheet HTML 3Page - Supertex, Inc AT9917 Datasheet HTML 4Page - Supertex, Inc AT9917 Datasheet HTML 5Page - Supertex, Inc AT9917 Datasheet HTML 6Page - Supertex, Inc AT9917 Datasheet HTML 7Page - Supertex, Inc AT9917 Datasheet HTML 8Page - Supertex, Inc AT9917 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AT9917
Supertex inc. ● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Sym
Parameter
Min
Typ
Max
Units Conditions
I
COMP
COMP sink current
#
0.2
-
-
mA
V
FB = 0.1V, VCOMP = 0
I
COMP
COMP source current
#
-0.2
-
-
mA
V
FB = -0.1V, VCOMP = AVDD
I
BIAS
Input bias current
#
-
0.5
1.0
nA
---
Oscillator
f
OSC1
Oscillator frequency
*
90
105
120
kHz
RT = 1.0MΩ
f
OSC2
Oscillator frequency
*
427
505
583
kHz
RT = 200kΩ
f
OSC
Output frequency range
#
100
-
800
kHz
---
Jitter
F
JTR
Jitter frequency
-
-
50
-
Hz
C
JTR = 100nF
-
-
500
-
Hz
C
JTR = 10nF
∆F
Change in the switching frequency
-
±4.5
-
-
kHz
---
Hiccup Timer
I
hiccup
Charging current
-
-
10
-
µA
---
∆V
Voltage swing for hiccup timer
-
-
0.6
-
V
---
Temperature Foldback Circuit
I
NTC
NTC current range
#
-
-
1.0
mA
---
N
NTC
I
FDBK / INTC current gain
-
-
0.13
-
-
I
NTC = 0.5mA
N
T1
I
NTC / IT1 current gain
-
-
3.0
-
-
I
NTC = 0.5mA
N
T2
I
NTC / IT2 current gain
-
-
6.0
-
-
I
NTC = 0.5mA
V
T1, VT2
T1 and T2 reference voltage
-
-
3.5
-
V
---
Output Short Circuit
G
FAULT
Amplifier gain at IREF pin
-
1.8
2.0
2.2
-
V
IREF = 400mV
T
OFF
Propagation time for short circuit
detection
-
-
-
250
ns
V
IREF = 400mV,
FDBK steps from 0 - 1.0V;
FLT goes from high to low
T
RISE,FAULT
Fault output rise time
-
-
-
300
ns
330pF capacitor at FLT pin
T
FALL,FAULT
Fault output fall time
-
-
-
200
ns
330pF capacitor at FLT pin
V
MIN
Minimum voltage at the output of
the amplifier
#
250
-
-
mV
V
IREF = 0
T
PWMD
PWMD Blanking time
*
200
-
900
ns
---
Soft Start
I
SS
Charging current
-
10
-
25
µA
---
I
SS
Discharging current
-
1.0
-
-
mA
V
SS = 5.0V
V
SS
Reset voltage
-
-
-
100
mV
---
Slope Compensation
R
SLOPE
On-resistance of FET at CS pin
*
-
-
200
Ω
---
Electrical Characteristics (Specifications are at T
A = 25
O
C. V
IN = 12V, PVDD = AVDD, EN = PWMD = AVDD, GATE = OPEN, CREF =
0.1μF, C
AVDD = CPVDD = 1.0μF, RT = 200kΩ, IT1 = IT2 = 100μA unless otherwise noted.)
Notes:
* Specifications apply over the full operating ambient temperature range of -40ºC < T
A < +125ºC. Guaranteed by design and characterization.
# Specifications guaranteed by design and not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com