Electronic Components Datasheet Search
  English  ▼

X  

THS7002CPWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS7002CPWPR
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7002CPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7002CPWPR Datasheet HTML 2Page - Texas Instruments THS7002CPWPR Datasheet HTML 3Page - Texas Instruments THS7002CPWPR Datasheet HTML 4Page - Texas Instruments THS7002CPWPR Datasheet HTML 5Page - Texas Instruments THS7002CPWPR Datasheet HTML 6Page - Texas Instruments THS7002CPWPR Datasheet HTML 7Page - Texas Instruments THS7002CPWPR Datasheet HTML 8Page - Texas Instruments THS7002CPWPR Datasheet HTML 9Page - Texas Instruments THS7002CPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
THS7001, THS7002
70MHz PROGRAMMABLEGAIN AMPLIFIERS
SLOS214C − OCTOBER 1998 − REVISED MARCH 2007
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
preamp operating characteristics, G = 2, TA = 25°C, RL = 150 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
SR
Slew rate (see Note 4)
G = −1
VO = ±2 V,
VCC = ±5 V
65
V/ s
SR
Slew rate (see Note 4)
G = −1
VO = ±10 V,
VCC = ±15 V
85
V/
µs
Settling time to 0.1%
VCC = ±5 V
85
ts
Settling time to 0.1%
G = −1,
VCC = ±15 V
70
ns
ts
Settling time to 0.01%
G = −1,
5 V Step
VCC = ±5 V
95
ns
Settling time to 0.01%
5 V Step
VCC = ±15 V
90
THD
Total harmonic distortion
VCC = ±15 V,
VO(PP) = 2V
fc = 1 MHz,
RL = 250 Ω
−88
dBc
Vn
Input noise voltage
VCC = ±5 V or ±15 V,
f = 10 kHz
1.7
nV/
√Hz
In
Input noise current
VCC = ±5 V or ±15 V,
f = 10 kHz
0.9
pA/
√Hz
BW
Small-signal bandwidth (−3 dB)
VO(PP) = 0.4V,
VCC = ±5 V
85
MHz
BW
Small-signal bandwidth (−3 dB)
VO(PP) = 0.4V,
G = 2
VCC = ±15 V
100
MHz
Bandwidth for 0.1 dB flatness
VO(PP) = 0.4V,
VCC = ±5 V
35
MHz
Bandwidth for 0.1 dB flatness
VO(PP) = 0.4V,
G = 2
VCC = ±15 V
45
MHz
Full power bandwidth (see Note 5)
VCC = ±5 V,
VO = 5 VO(PP)
4.1
MHz
Full power bandwidth (see Note 5)
VCC = ±15 V,
VO = 20 VO(PP)
1.4
MHz
AD
Differential gain error
G = 2, 100 IRE,
VCC = ±5 V
0.02%
AD
Differential gain error
G = 2, 100 IRE,
NTSC
VCC = ±15 V
0.02%
φD
Differential phase error
G = 2,
100 IRE,
VCC = ±5 V
0.01
°
φD
Differential phase error
G = 2,
100 IRE,
NTSC
VCC = ±15 V
0.01
°
VCC = ±5 V,
VO = ±2.5 V,
TA = 25°C
85
89
Open loop gain
CC
VO = ±2.5 V,
RL = 1 kΩ
TA = full range
83
dB
Open loop gain
VCC = ±15 V,
TA = 25°C
86
91
dB
VCC = ±15 V,
VO = ±10 V, RL = 1 kΩ
TA = full range
84
Channel-to-channel crosstalk (THS7002)
VCC = ±5 V or ±15 V,
f = 1 MHz
−85
dB
† Full range for the THS7001/02C is 0°C to 70°C. Full range for the THS7001/02I is −40°C to 85°C.
NOTES:
4. Slew rate is measured from an output level range of 25% to 75%.
5. Full power bandwidth = slew rate/2
π V(PP).
shutdown electrical characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby current, disabled
Preamp
VCC = ±5 V
0.2
0.3
ICC(standby)
Standby current, disabled
(per channel)
Preamp
VI(SHDN) = 2.5 V
VCC = ±15 V
0.65
0.8
mA
ICC(standby)
(per channel)
PGA
VI(SHDN) = 2.5 V
VCC = ±5 V or ±15 V
0.8
1.2
mA
VIH(SHDN)
Shutdown voltage for power up
VCC = ±5 V or ±15 V,
Relative to GND
0.8
V
VIL(SHDN)
Shutdown voltage for power down
VCC = ±5 V or ±15 V,
Relative to GND
2
V
IIH(SHDN)
Shutdown input current high
VCC = ±5 V or ±15 V,
VI(SHDN) = 5 V
300
400
µA
IIL(SHDN)
Shutdown input current low
VCC = ±5 V or ±15 V,
VI(SHDN) = 0.5 V
25
50
µA
tdis
Disable time†
VCC = ±5 V or ±15 V,
Preamp and PGA
100
ns
ten
Enable time†
VCC = ±5 V or ±15 V,
Preamp and PGA
1.5
µs
† Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com