Electronic Components Datasheet Search
  English  ▼

X  

THS7002CPWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS7002CPWPR
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7002CPWPR Datasheet(HTML) 1 Page - Texas Instruments

  THS7002CPWPR Datasheet HTML 1Page - Texas Instruments THS7002CPWPR Datasheet HTML 2Page - Texas Instruments THS7002CPWPR Datasheet HTML 3Page - Texas Instruments THS7002CPWPR Datasheet HTML 4Page - Texas Instruments THS7002CPWPR Datasheet HTML 5Page - Texas Instruments THS7002CPWPR Datasheet HTML 6Page - Texas Instruments THS7002CPWPR Datasheet HTML 7Page - Texas Instruments THS7002CPWPR Datasheet HTML 8Page - Texas Instruments THS7002CPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THS7001, THS7002
70MHz PROGRAMMABLEGAIN AMPLIFIERS
SLOS214C − OCTOBER 1998 − REVISED MARCH 2007
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Separate Low Noise Preamp and PGA
Stages
D Shutdown Control
D Preamp Features
− Low Voltage Noise . . . 1.7 nV/
√Hz
− Accessible Output Pin for External
Filtering
− Voltage Feedback, Gmin = −1, 2
− 100 MHz Bandwidth (−3 dB)
D PGA Features
− Digitally Programmable Gain
− −22 dB to 20 dB Gain/Attenuation Range
− 6 dB Step Resolution
− Output Clamp Protection
− 70 MHz Bandwidth (−3 dB)
− 175 V/
µs Slew Rate
D Wide Supply Range ±4.5 V to ±16 V
D PowerPAD Package for Enhanced
Thermal Performance
description
The THS7001 (single) and THS7002 (dual) are high-speed programmable-gain amplifiers, ideal for applications
where load impedance can often vary. Each channel on this device consists of a separate low-noise input
preamp and a programmable gain amplifier (PGA). The preamp is a voltage-feedback amplifier offering a low
1.7-nV/
√Hz voltage noise with a 100-MHz (−3 dB) bandwidth. The output pin of the preamp is accessible so that
filters can be easily added to the amplifier.
The 3-bit digitally-controlled PGA provides a −22-dB to 20-dB attenuation/gain range with a 6-dB step
resolution. In addition, the PGA provides both high and low output clamp protection to prevent the output signal
from swinging outside the common-mode input range of an analog-to-digital converter. The PGA provides a
wide 70-MHz (−3 dB) bandwidth, which remains relatively constant over the entire gain/attenuation range.
Independent shutdown control is also provided for power conservation and multiplexing. These devices operate
over a wide
±4.5-V to ±16-V supply voltage range.
_
+
PREAMP VCC+
PREAMP IN+
PREAMP IN−
PREAMP VCC−
Preamp
PREAMP
OUT
PGA IN−
G2
G1
G0
PGA REF
SHDN
PGA
VCC+
GND
PGA
VCC−
CLAMP+ (VH)
CLAMP− (VL)
PGA OUT
_
+
Figure 1. THS7001 Block Diagram
Copyright
 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CAUTION: The THS7001 and THS7002 provides ESD protection circuitry. However, permanent damage can still occur if this
device is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - THS7002CPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7002CPWP TI-THS7002CPWP Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
More results

Similar Description - THS7002CPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com