Electronic Components Datasheet Search
  English  ▼

X  

THS7002CPWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS7002CPWPR
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7002CPWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS7002CPWPR Datasheet HTML 7Page - Texas Instruments THS7002CPWPR Datasheet HTML 8Page - Texas Instruments THS7002CPWPR Datasheet HTML 9Page - Texas Instruments THS7002CPWPR Datasheet HTML 10Page - Texas Instruments THS7002CPWPR Datasheet HTML 11Page - Texas Instruments THS7002CPWPR Datasheet HTML 12Page - Texas Instruments THS7002CPWPR Datasheet HTML 13Page - Texas Instruments THS7002CPWPR Datasheet HTML 14Page - Texas Instruments THS7002CPWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
THS7001, THS7002
70MHz PROGRAMMABLEGAIN AMPLIFIERS
SLOS214C − OCTOBER 1998 − REVISED MARCH 2007
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
PREAMP LARGE AND SMALL
SIGNAL FREQUENCY
RESPONSE
100k
f − Frequency − Hz
12
6
0
−12
−6
−18
1M
10M
100M
500M
VO(PP) = 1.6 V
VO(PP) = 0.8 V
VO(PP) = 0.2 V
VO(PP) = 0.4 V
VCC = ± 5 V
RL = 150 Ω
G = +2
Figure 21
PREAMP LARGE AND SMALL
SIGNAL FREQUENCY
RESPONSE
100k
f − Frequency − Hz
12
6
0
−12
−6
−18
1M
10M
100M
500M
VO(PP) = 1.6 V
VO(PP) = 0.8 V
VO(PP) = 0.2 V
VO(PP) = 0.4 V
VCC = ± 15 V
RL = 150 Ω
G = +2
Figure 22
−100
−90
−80
−70
−60
−50
−40
−30
PREAMP HARMONIC
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
100k
1M
10M
RL= 250 Ω
Gain=+8 dB
VO(PP)= 2 V
VCC=+/−5 V
3rd Harmonic
VCC=+/−15 V
3rd Harmonic
VCC=+/−5 V
2nd Harmonic
VCC=+/−15 V
2nd Harmonic
Figure 23
−100
−90
−80
−70
−60
−50
−40
−30
0.0
2.5
5.0
7.5 10.0 12.5 15.0 17.5 20.0
PREAMP HARMONIC
DISTORTION
vs
OUTPUT VOLTAGE
VO(PP) − Peak-To-Peak Output Voltage − V
Gain=5
RF=300 Ω
RL=1 kΩ
f=1 MHz
VCC=+/−15 V
2nd Harmonic
VCC=+/−5 V
2nd Harmonic
VCC=+/−5 V
3rd Harmonic
VCC=+/−15 V
3rd Harmonic
Figure 24
PREAMP SLEW RATE
vs
FREE-AIR TEMPERATURE
90
80
70
60
50
40
−40
−20
0
20
40
60
30
TA − Free-Air Temperature − °C
VCC = ±5 V
VO (PP) = 5 V
80
100
VCC = ±15 V
VO (PP) = 20 V
100
RL= 200 Ω
Figure 25
PREAMP 400-mV
STEP RESPONSE
0.3
0.2
0.1
0
−0.1
−0.2
0
50
100
150
200
250
−0.3
t − Time − ns
G = +2
VCC = ±5 V
RL = 200 Ω
300
Figure 26
PREAMP 5-V
STEP RESPONSE
3
2
1
0
−1
−2
0
50
100
150
200
250
−3
t − Time − ns
G = −1
VCC = ±5 V
RL = 200 Ω
300
Figure 27
PREAMP 5-V
STEP RESPONSE
3
2
1
0
−1
−2
0
50
100
150
200
250
−3
t − Time − ns
G= +2
VCC = ±5 V
RL = 200 Ω
300
Figure 28
PREAMP 20-V
STEP RESPONSE
7.5
5
2.5
0
−2.5
−5
0
200
400
600
800
1000
−7.5
t − Time − ns
G = +5
VCC = ±15 V
RL = 200 Ω
−10
−12.5
10
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com