Electronic Components Datasheet Search
  English  ▼

X  

LP3470 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470
Description  Voltage Supervisor With Programmable Delay
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470 Datasheet(HTML) 3 Page - Texas Instruments

  LP3470 Datasheet HTML 1Page - Texas Instruments LP3470 Datasheet HTML 2Page - Texas Instruments LP3470 Datasheet HTML 3Page - Texas Instruments LP3470 Datasheet HTML 4Page - Texas Instruments LP3470 Datasheet HTML 5Page - Texas Instruments LP3470 Datasheet HTML 6Page - Texas Instruments LP3470 Datasheet HTML 7Page - Texas Instruments LP3470 Datasheet HTML 8Page - Texas Instruments LP3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
SRT
2
GND
3
VCC1
4
VCC
5
Reset
3
LP3470
www.ti.com
SNVS003G – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LP3470
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SRT
O
Set reset time-out. Connect a capacitor between this pin and ground to select the reset time-out period (tRP).
tRP = 2000 × C1 (C1 in µF and tRP in ms). If no capacitor is connected, leave this pin floating.
2
GND
—
Ground pin.
3
VCC1
I
Always connect to pin VCC (Pin 4).
4
VCC
I
Supply voltage, and reset threshold monitor input.
5
Reset
O
Open-drain, active-low reset output. Connect to an external pullup resistor. Reset changes from high to low
whenever the monitored voltage (VCC) drops below the reset threshold voltage (VRTH). Once VCC exceeds
VRTH, Reset remains low for the reset time-out period (tRP) and then goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com