Electronic Components Datasheet Search
  English  ▼

X  

LP3470 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470
Description  Voltage Supervisor With Programmable Delay
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470 Datasheet(HTML) 5 Page - Texas Instruments

  LP3470 Datasheet HTML 1Page - Texas Instruments LP3470 Datasheet HTML 2Page - Texas Instruments LP3470 Datasheet HTML 3Page - Texas Instruments LP3470 Datasheet HTML 4Page - Texas Instruments LP3470 Datasheet HTML 5Page - Texas Instruments LP3470 Datasheet HTML 6Page - Texas Instruments LP3470 Datasheet HTML 7Page - Texas Instruments LP3470 Datasheet HTML 8Page - Texas Instruments LP3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LP3470
www.ti.com
SNVS003G – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LP3470
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Minimum and maximum limits in standard typeface are 100% production tested at 25°C. Minimum and maximum limits in full operating
temperature range are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate TI's
Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
VHYST affects the relation between VCC and Reset as shown in the timing diagram.
(4)
tRP is programmable by varying the value of the external capacitor (C1) connected to pin SRT. The equation is: tRP = 2000 × C1 (C1 in
µF and tRP in ms).
6.5 Electrical Characteristics
Limits and typical numbers are for TJ = 25°C, and VCC = 2.4 V to 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VCC
Operating voltage
TJ = –20°C to 85°C
0.5
5.5
V
ICC
VCC supply current
VCC = 4.5 V
TJ = 25°C
16
µA
TJ = –20°C to 85°C
30
VRTH
Reset threshold voltage
LP3470
0.99 × VRTH
VRTH
1.01 × VRTH
V
LP3470I
TJ = 25°C
0.99 × VRTH
VRTH
1.01 × VRTH
TJ = –40°C to 85°C
0.985 × VRTH
1.015 × VRTH
VHYST
Hysteresis voltage(3)
TJ = 25°C
35
mV
TJ = –20°C to 85°C
15
65
tPD
VCC to reset delay
VCC falling at 1 mV/µs
TJ = 25°C
100
µs
TJ = –20°C to 85°C
300
tRP
Reset time-out period(4)
C1 = 1 nF
TJ = 25°C
2
ms
TJ = –20°C to 85°C
1
3.5
VOL
Reset output voltage low
VCC = 0.5 V, IOL = 30 µA, TJ = –20°C to 85°C
0.1
V
VCC = 1 V, IOL = 100 µA, TJ = –20°C to 85°C
0.1
VCC =VRTH − 100 mV, IOL = 4 mA,
TJ = –20°C to 85°C
0.4
R1
External pullup resistor
0.68
20
68
k
Ω
ILEAK
Reset output leakage current
TJ = 25°C
0.15
1
µA
TJ = –20°C to 85°C
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com