Electronic Components Datasheet Search
  English  ▼

X  

LP38852-ADJ Datasheet(PDF) 31 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP38852-ADJ Datasheet HTML 25Page - Texas Instruments LP38852-ADJ Datasheet HTML 26Page - Texas Instruments LP38852-ADJ Datasheet HTML 27Page - Texas Instruments LP38852-ADJ Datasheet HTML 28Page - Texas Instruments LP38852-ADJ Datasheet HTML 29Page - Texas Instruments LP38852-ADJ Datasheet HTML 30Page - Texas Instruments LP38852-ADJ Datasheet HTML 31Page - Texas Instruments LP38852-ADJ Datasheet HTML 32Page - Texas Instruments LP38852-ADJ Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R
) TYP
0.05
8X (1.55)
8X (0.6)
6X (1.27)
(5.4)
(2.34)
(2.34)
BASED ON
0.125 THICK
STENCIL
4218825/A 05/2016
PowerPAD SOIC - 1.7 mm max height
DDA0008A
PLASTIC SMALL OUTLINE
1.98 X 1.98
0.175
2.14 X 2.14
0.150
2.34 X 2.34 (SHOWN)
0.125
2.62 X 2.62
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X
SYMM
SYMM
1
4
5
8
BASED ON
0.125 THICK
STENCIL
BY SOLDER MASK
METAL COVERED
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com