Electronic Components Datasheet Search
  English  ▼

X  

LP38852-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LP38852-ADJ Datasheet HTML 1Page - Texas Instruments LP38852-ADJ Datasheet HTML 2Page - Texas Instruments LP38852-ADJ Datasheet HTML 3Page - Texas Instruments LP38852-ADJ Datasheet HTML 4Page - Texas Instruments LP38852-ADJ Datasheet HTML 5Page - Texas Instruments LP38852-ADJ Datasheet HTML 6Page - Texas Instruments LP38852-ADJ Datasheet HTML 7Page - Texas Instruments LP38852-ADJ Datasheet HTML 8Page - Texas Instruments LP38852-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LP38852-ADJ
www.ti.com
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
6.4 Thermal Information
LP38852-ADJ
THERMAL METRIC(1)
KTW (DDPAK/TO-263)
NDZ (TO-220)
DDA (SO PowerPAD)
UNIT
7 PINS
7 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
34.3
34.0
48.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.6
36.4
54.6
°C/W
RθJB
Junction-to-board thermal resistance
25.3
25.0
29.1
°C/W
ψJT
Junction-to-top characterization parameter
6.6
6.3
9.6
°C/W
ψJB
Junction-to-board characterization parameter
24.0
23.6
29.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
4.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified: VOUT = 0.8 V, VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, VEN = VBIAS, IOUT = 10 mA, CIN = COUT = 10 µF,
CBIAS = 1 µF, CSS = open; typical (TYP) limits are for TJ = 25°C only, and minimum (MIN) and maximum (MAX) limits apply
over the junction temperature (TJ) range of –40°C to +125°C. Minimum and maximum limits are specified through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(NOM)+1 V ≤ VIN ≤ VBIAS ≤ 4.5 V
(1)
3 V
≤ VBIAS ≤ 5.5 V, 10 mA ≤ IOUT ≤ 1.5 A
492.5
500.
507.5
TJ = 25°C
VOUT(NOM)+1 V ≤ VIN ≤ VBIAS ≤ 4.5 V
(1)
485
515
VADJ
VADJ accuracy
3 V
≤ VBIAS ≤ 5.5 V, 10 mA ≤ IOUT ≤ 1.5 A
mV
VOUT(NOM)+1 V ≤ VIN ≤ VBIAS ≤ 4.5 V
(1)
3 V
≤ VBIAS ≤ 5.5 V,
490
500.
510
10 mA
≤ IOUT ≤ 1.5 A,
0°C
≤ TJ ≤ +125°C
3 V
≤ VBIAS ≤ 5.5 V
0.8
1.2
VOUT
VOUT range
V
4.5 V
≤ VBIAS ≤ 5.5 V
0.8
1.8
ΔVOUT/ΔVIN
Line regulation, VIN
(2)
VOUT(NOM)+1 V ≤ VIN ≤ VBIAS
0.04
%/V
ΔVOUT/ΔVBIAS
Line regulation, VBIAS
(2)
3 V
≤ VBIAS ≤ 5.5 V
0.1
%/V
Output voltage load
ΔVOUT/ΔIOUT
10 mA
≤ IOUT ≤ 1.5 A
0.2
%/A
regulation(3)
IOUT = 1.5 A, TJ = 25°C
130
165
VDO
Dropout voltage(4)
mV
IOUT = 1.5 A
180
VOUT = 0.8 V, VBIAS = 3 V
10 mA
≤ IOUT ≤ 1.5 A
7
8.5
TJ = 25°C
mA
Quiescent current drawn from
VOUT = 0.8 V, VBIAS = 3 V
IGND(IN)
9
VIN supply
10 mA
≤ IOUT ≤ 1.5 A
VEN ≤ 0.5 V, TJ = 25°C
1
100
μA
VEN ≤ 0.5 V
300
10 mA
≤ IOUT ≤ 1.5 A, TJ = 25°C
3
3.8
mA
10 mA
≤ IOUT ≤ 1.5 A
4.5
Quiescent current drawn from
IGND(BIAS)
VBIAS supply
VEN ≤ 0.5 V, TJ = 25°C
100
170
μA
VEN ≤ 0.5 V
200
(1)
VIN cannot exceed either VBIAS or 4.5 V, whichever value is lower.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(4)
Dropout voltage is defined as the input to output voltage differential (VIN – VOUT) where the input voltage is low enough to cause the
output voltage to drop 2% from the nominal value.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38852-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com