Electronic Components Datasheet Search
  English  ▼

X  

LP38852-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38852-ADJ Datasheet HTML 3Page - Texas Instruments LP38852-ADJ Datasheet HTML 4Page - Texas Instruments LP38852-ADJ Datasheet HTML 5Page - Texas Instruments LP38852-ADJ Datasheet HTML 6Page - Texas Instruments LP38852-ADJ Datasheet HTML 7Page - Texas Instruments LP38852-ADJ Datasheet HTML 8Page - Texas Instruments LP38852-ADJ Datasheet HTML 9Page - Texas Instruments LP38852-ADJ Datasheet HTML 10Page - Texas Instruments LP38852-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LP38852-ADJ
www.ti.com
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
6.7 Typical Characteristics
Refer to the Typical Application Circuit. Unless otherwise specified: TJ = 25°C, R1 = 1.4 kΩ, R2 = 1 kΩ, CFF= 0.01 µF,
VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, IOUT = 10 mA, CIN = 10-µF ceramic, COUT = 10-µF ceramic, CBIAS = 1-µF Ceramic, CSS =
open.
Figure 1. VBIAS Ground Pin Current (IGND(BIAS)) vs VBIAS
Figure 2. VBIAS Ground Pin Current (IGND(BIAS)) vs
Temperature
Figure 4. Load Regulation vs Temperature
Figure 3. VIN Ground Pin Current vs Temperature
Figure 5. Dropout Voltage (VDO) vs Temperature
Figure 6. Output Current Limit (ISC) vs Temperature
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38852-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com