Electronic Components Datasheet Search
  English  ▼

X  

LP2952IM/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 16Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 17Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 18Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 19Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 20Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 21Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 22Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 23Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Application Information (continued)
* In shutdown mode, ERROR will go high if it has been pulled up to an external supply. To avoid this invalid
response, pull up to regulator output.
** Exact value depends on dropout voltage. (See Power Supply Recommendations)
Figure 32. ERROR Output Timing
8.1.6 Output Isolation
The regulator output can be left connected to an active voltage source (such as a battery) with the regulator input
power shut off, as long as the regulator ground pin is connected to ground. If the ground pin is left floating,
damage to the regulator can occur if the output is pulled up by an external voltage source. If the regulator input
power (VIN) is applied, and the SHUTDOWN pin is low, the automatic output discharge circuit will be active, and
any voltage source applied to the output will be discharged to ground.
8.1.7 Reducing Output Noise
In reference applications it may be advantageous to reduce the ac noise present on the output. One method is to
reduce regulator bandwidth by increasing output capacitance. This is relatively inefficient, because large
increases in capacitance are required to get significant improvement.
Noise can be reduced more effectively by a bypass capacitor placed across R1 (see Figure 31). The formula for
selecting the capacitor to be used is:
(2)
This gives a value of about 0.1
μF. When this is used, the output capacitor must be 6.8 μF (or greater) to
maintain stability. The 0.1-
μF capacitor reduces the high-frequency gain of the circuit to unity, lowering the output
noise from 260
μV to 80 μV using a 10-Hz to 100-kHz bandwidth. Also, noise is no longer proportional to the
output voltage, so improvements are more pronounced at high output voltages.
20
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com