Electronic Components Datasheet Search
  English  ▼

X  

LP2952IM/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 26Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 27Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 28Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 29Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 30Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 31Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 32Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 33Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
8.2.9 5-V Regulator With Timed Power-On Reset, Snap-ON and Snap-OFF Features, and Hysteresis
Figure 44 is the circuit designed for 5-V regulator with timed power-on reset, Snap-ON and Snap-OFF features,
and hysteresis. Its timing diagram shows as Figure 45.
Figure 44. 5-V Regulator With Timed Power-On Reset, Snap-ON or Snap-OFF Feature, and Hysteresis
td = (0.28), RC = 28 ms for components shown.
Figure 45. Timing Diagram
9 Power Supply Recommendations
The LP2952 and LP2953 is designed to operate from an input voltage supply range between 2.3 V and 30 V.
The input voltage range provides adequate headroom in order for the device to have a regulated output, normally
VIN should be 1 V higher than output voltage to provide a sufficient headroom. This input supply must be well
regulated. If the input supply is noisy, additional input capacitors with low ESR can help improve the output noise
performance.
Maximum VIN should never be higher than 30 V. Input voltage beyond 30 V may trigger EOS and cause
permanent damage to the device.
30
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com