Electronic Components Datasheet Search
  English  ▼

X  

LP2952IM/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 23Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 24Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 25Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 26Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 27Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 28Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 29Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 30Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
8.2.6 5-V Regulator With Timed Power-On Reset
Figure 40 is the circuit designed to generate a adjustable power on reset signal. Adjusting RT and CT values
causes a certain delay time as Figure 41 shows.
Figure 40. 5-V Regulator With Timed Power-On Reset
* RT = 1 MΩ, CT = 0.1 μF
Figure 41. Timing Diagram for Timed Power-On Reset
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com