Electronic Components Datasheet Search
  English  ▼

X  

DS1632 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1632
Description  PC Power-Fail and Reset Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1632 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1632 Datasheet HTML 1Page - Dallas Semiconductor DS1632 Datasheet HTML 2Page - Dallas Semiconductor DS1632 Datasheet HTML 3Page - Dallas Semiconductor DS1632 Datasheet HTML 4Page - Dallas Semiconductor DS1632 Datasheet HTML 5Page - Dallas Semiconductor DS1632 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
060303
FEATURES
· Power-fail detector for personal computers
and workstations
· Connects directly to popular personal
computer chip sets
· On chip 32.768 kHz oscillator for real time
clock
· Provides battery backup power to clock chip
· Pushbutton reset input
· Accurate 5% or 10% +5-volt power supply
monitoring
· Complementary outputs for reset, power-fail,
and low battery
· Provides for reset pulse width of either 95 ms
or 190 ms
· Eliminates the need for discrete components
· Low-power CMOS circuitry
· 16-pin DIP or SOIC surface mount package
· 0°C to 70°C operation
PIN ASSIGNMENT
PIN DESCRIPTION
PBRST
- Pushbutton Reset Input
X1, X2
- Crystal Inputs
VBAT
- Battery Input
LB, LB
- Low Battery Outputs
RST, RST
- Reset Outputs
RD
- Reset Duration
TOL
- Selects 5% Or 10% Detection
GND
- Ground
OSCOUT
- Oscillator Out
VCCO
- Switched Power Out
PF, PF
- Power-Fail Outputs
VCC
- +5-Volt Power In
DESCRIPTION
The DS1632 PC Power-Fail and Reset Controller is designed to do various functions involving battery
backup and other functions typically accomplished with discrete components. The DS1632 provides a
32.768 kHz battery-backed crystal oscillator and switched VCC/VBAT power via VCCO for the real time
clock function located in accompanying chip sets. In addition, the DS1632 provides for reset on both
DS1632
PC Power-Fail and Reset Controller
www.maxim-ic.com
16-Pin DIP (300-mil)
See Mech. Drawings Section
PBRST
X1
X2
VCC
PF
PF
1
2
3
16
15
14
VBAT
VCCO
413
LB
LB
TOL
RST
RST
RD
5
6
7
12
11
10
GND
OSCOUT
89
16-Pin SOIC (300-mil)
See Mech. Drawings Section
PBRST
X1
X2
VCC
PF
PF
1
2
3
16
15
14
VBAT
VCCO
413
LB
LB
TOL
RST
RST
RD
5
6
7
12
11
10
GND
OSCOUT
89


Similar Part No. - DS1632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1632 TI1-DS1632 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
PC Power-Fail and Reset Controller
060303
logo
National Semiconductor ...
DS1632H NSC-DS1632H Datasheet
153Kb / 8P
CMOS Dual Peripheral Drivers
logo
Rochester Electronics
DS1632H ROCHESTER-DS1632H Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
DS1632H883C ROCHESTER-DS1632H883C Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
More results

Similar Description - DS1632

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
Maxim Integrated Produc...
MAX5091 MAXIM-MAX5091 Datasheet
286Kb / 15P
28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output
Rev 0; 11/06
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
MAX6343SUT-T MAXIM-MAX6343SUT-T Datasheet
554Kb / 8P
6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
PC Power-Fail and Reset Controller
060303
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com