Electronic Components Datasheet Search
  English  ▼

X  

DS1632 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1632
Description  PC Power-Fail and Reset Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1632 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1632 Datasheet HTML 1Page - Dallas Semiconductor DS1632 Datasheet HTML 2Page - Dallas Semiconductor DS1632 Datasheet HTML 3Page - Dallas Semiconductor DS1632 Datasheet HTML 4Page - Dallas Semiconductor DS1632 Datasheet HTML 5Page - Dallas Semiconductor DS1632 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1632
2 of 6
power-up and via pushbutton input, power-fail status signals for the processor, and low battery warning
signals. The DS1632 is capable of detecting power failure at both the 5% and 10% power supply
tolerances, and the reset pulse width can be set for either 95 ms or 190 ms. The device is designed to
connect directly to popular laptop and notebook chip sets which eliminates the need for discrete
components and reduces cost.
BLOCK DIAGRAM Figure 1
OPERATION - CRYSTAL OSCILLATOR SECTION
The DS1632 crystal oscillator is designed to be hooked directly to a 32.768 kHz crystal. By using the
Daiwa Part No. DT26S, Seiko Part No. DS-VT-200 or equivalent, the oscillator will be accurate enough
to run a real time clock to within ±2 minutes per month. If another crystal is to be selected, it should have
a specified load capacitance (CL) of 6 pF. The crystal oscillator will run as long as either VCC or VBAT is
present, providing that VBAT is greater than 2.3V. The oscillator output provides a rail to rail swing with
regards to VCC or VBAT, whichever is greater. The crystal oscillator is also used internally as a time base.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com