Electronic Components Datasheet Search
  English  ▼

X  

DS1632 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1632
Description  PC Power-Fail and Reset Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1632 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1632 Datasheet HTML 1Page - Dallas Semiconductor DS1632 Datasheet HTML 2Page - Dallas Semiconductor DS1632 Datasheet HTML 3Page - Dallas Semiconductor DS1632 Datasheet HTML 4Page - Dallas Semiconductor DS1632 Datasheet HTML 5Page - Dallas Semiconductor DS1632 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1632
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC + 0.5V
Operating Temperature
0°C to 70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
PBRST
Input High Level
VIH
2.0
VCC+0.3
V
1, 3
PBRST
Input Low Level
VIL
-0.3
+0.8
V
1, 3
Battery Supply Voltage
VBAT
2.3
3.0
3.5
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC=4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Output Current @ 2.4V
IOH
1
mA
5, 7
Output Current @ 0.4V
IOL
4mA
7
Output Voltage @ -500 µA
VOH
VCC-0.5V VCC-0.1V
V
1, 6
Low Level @ RST
VOL
0.4
V
1
Operating Current
ICC
0.5
2.0
mA
2
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.75
V
1
VCC Trip Point (TOL=VCC)VCCTP
4.25
4.37
4.50
V
1
Battery Fail Trip Point
VBATTP
2.30
2.45
2.55
V
1
Supply Voltage Output
VCCO
VCC-0.3
V
Supply Current Output
ICCO1
100
mA
4
DC ELECTRICAL CHARACTERISTICS
(0
°C; VCC=<VBAT)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Battery Current
IBAT
2µA
Battery Backup Current
ICCO2
500
µA
4
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com