Electronic Components Datasheet Search
  English  ▼

X  

DS21448 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS21448
Description  3.3V E1/T1/J1 Quad Line Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21448 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS21448 Datasheet HTML 9Page - Dallas Semiconductor DS21448 Datasheet HTML 10Page - Dallas Semiconductor DS21448 Datasheet HTML 11Page - Dallas Semiconductor DS21448 Datasheet HTML 12Page - Dallas Semiconductor DS21448 Datasheet HTML 13Page - Dallas Semiconductor DS21448 Datasheet HTML 14Page - Dallas Semiconductor DS21448 Datasheet HTML 15Page - Dallas Semiconductor DS21448 Datasheet HTML 16Page - Dallas Semiconductor DS21448 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DS21448 3.3V T1/E1/J1 Quad Line Interface
13 of 60
PIN
I/O
FUNCTION
TVSS1–TVSS4
—
Transmitter Signal Ground for Transmitter Outputs
VSS1–VSS4
—
Signal Ground
Note 1: G.703 requires an accuracy of ±50ppm for T1 and E1. TR62411 and ANSI specs require ±32ppm accuracy for T1 interfaces.
3. DETAILED DESCRIPTION
The DS21448 contains four independent LIUs that share a common interface for configuration and status. The user
can choose between three different means of accessing the device: a parallel microprocessor interface, a serial
interface, and a hardwired mode, which configures the device by setting levels on the device’s pins. The
DS21448’s four chip selects (
CS1, CS2, CS3, and CS4) determine which LIU is accessed when using the parallel
or serial interface modes. Four sets of identical register maps exist, one for each channel. Using the appropriate
chip select accesses a channel’s register map.
The analog AMI/HDB3 waveform off the E1 line or the AMI/B8ZS waveform off the T1 line is transformer-coupled
into the RTIP and RRING pins of the DS21448. The user has the option to use internal termination, software
selectable for 75
W/100W/120W applications, or external termination. The device recovers clock and data from the
analog signal and passes it through the jitter attenuation mux, outputting the received line clock at RCLK and
bipolar or NRZ data at RPOS and RNEG. The DS21448 contains an active filter that reconstructs the analog-
received signal for the nonlinear losses that occur in transmission. The receive circuitry is also configurable for
various monitor applications. The device has a usable receive sensitivity of 0 to -43dB for E1 and 0 to -36dB for T1
that allows the device to operate on 0.63mm (22AWG) cables up to 2.5km (E1) and 6k feet (T1) in length. Data
input at TPOS and TNEG is sent through the jitter attenuation mux to the waveshaping circuitry and line driver. The
DS21448 drives the E1 or T1 line from the TTIP and TRING pins through a coupling transformer. The line driver
can handle both CEPT 30/ISDN-PRI lines for E1 and long-haul (CSU) or short-haul (DSX-1) lines for T1.
3.1 DS21448 and DS21Q348 Differences
The DS21448 BGA is a monolithic quad-port LIU that is a replacement for the DS21Q348. The additional features
of JTAG, transmit driver disable, and the serial interface in the DS21448 have changed the function of several pins,
as shown in Table 3-A.
Table 3-A. DS21448 vs. DS21Q348 Pin Differences
PIN
DS21Q348
DS21448
G4
VSM
N.C.
J1
VSS
SCLK
K1
A4
A4/SDO
K3
VSS
SDI
K7
TEST
TXDIS/TEST
L3
N.C.
JTRST*
M3
N.C.
JTMS*
M5
N.C.
JTCLK
M6
N.C.
JTDI*
M7
N.C.
JTDO
*DS21448 pin is internally pulled up.
4. PORT OPERATION
4.1 Hardware Mode
The DS21448 supports a hardware configuration mode that allows the user to configure the device by setting levels
on the device’s pins. This mode allows the DS21448 configuration without the use of a microprocessor, simplifying
designs. Not all of the device features are supported in the hardware mode.
In hardware mode (BIS0 = 1, BIS1 = 1) several pins have been redefined so they can be used for initializing the
DS21448. Refer to Table 2-B and Table 2-E for pin assignment and definition. Because of limited pin count, several



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com