Electronic Components Datasheet Search
  English  ▼

X  

DS21448 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS21448
Description  3.3V E1/T1/J1 Quad Line Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21448 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS21448 Datasheet HTML 35Page - Dallas Semiconductor DS21448 Datasheet HTML 36Page - Dallas Semiconductor DS21448 Datasheet HTML 37Page - Dallas Semiconductor DS21448 Datasheet HTML 38Page - Dallas Semiconductor DS21448 Datasheet HTML 39Page - Dallas Semiconductor DS21448 Datasheet HTML 40Page - Dallas Semiconductor DS21448 Datasheet HTML 41Page - Dallas Semiconductor DS21448 Datasheet HTML 42Page - Dallas Semiconductor DS21448 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DS21448 3.3V T1/E1/J1 Quad Line Interface
39 of 60
Figure 7-4. Dual Connector-Protected Interface Using Receive Termination
VDD
VSS
TTIP
TRING
RTIP
RRING
Dallas
Semiconductor
DS21448
VDD
VDD
VSS
0.01
mF
0.01
mF
0.1
mF
+
10
mF
0.1
mF
S
Rt
Rt
1.0
mF
MCLK
2.048MHz (THIS CAN ALSO
BE 1.544MHz FOR T1 ONLY
OPERATION)
0.1
mF
S
68
mF
60
60
S
S
S
FUSE
FUSE
BALANCED LINE
(100
W/120W)
UNBALANCED
LINE (75
W)
S
FUSE
0.22
mF
0.22
mF
L1
S
S
S
FUSE
FUSE
S
FUSE
0.22
mF
0.22
mF
L1
0.8:1:1CT
51.1
BALANCED LINE
(100
W/120W)
UNBALANCED
LINE (75
W)
1:1
0.8:1
1.6:1
2:1
0.8:1:1CT
NOTE 1:
REFER TO APPLICATION NOTE 384 FOR A COMPLETE DISCUSSION OF THIS CIRCUIT.
NOTE 2:
ALL RESISTOR VALUES ARE ±1%.
NOTE 3:
THE FUSES ARE OPTIONAL TO PREVENT AC POWER LINE CROSSES FROM COMPROMISING THE TRANSFORMERS.
NOTE 4:
S IS A SIDACTOR.
NOTE 5:
THE RT RESISTORS ARE USED TO INCREASE THE TRANSMITTER RETURN LOSS (Table 7-C). NO RETURN LOSS IS REQUIRED
FOR T1 APPLICATIONS.
NOTE 6:
THE 68
mF IS USED TO KEEP THE LOCAL POWER PLANE POTENTIAL WITHIN TOLERANCE DURING A SURGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com