Electronic Components Datasheet Search
  English  ▼

X  

DS21448 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21448
Description  3.3V E1/T1/J1 Quad Line Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21448 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21448 Datasheet HTML 17Page - Dallas Semiconductor DS21448 Datasheet HTML 18Page - Dallas Semiconductor DS21448 Datasheet HTML 19Page - Dallas Semiconductor DS21448 Datasheet HTML 20Page - Dallas Semiconductor DS21448 Datasheet HTML 21Page - Dallas Semiconductor DS21448 Datasheet HTML 22Page - Dallas Semiconductor DS21448 Datasheet HTML 23Page - Dallas Semiconductor DS21448 Datasheet HTML 24Page - Dallas Semiconductor DS21448 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DS21448 3.3V T1/E1/J1 Quad Line Interface
21 of 60
CCR3 (02H): Common Control Register 3
(MSB)
(LSB)
TUA1
ATUA1
TAOZ
TPRBSE
TLCE
LIRST
IBPV
IBE
NAME
POSITION
FUNCTION
TUA1
CCR3.7
Transmit Unframed All Ones. The polarity of this bit is set such that the device transmits an all-
ones pattern on power-up or device reset. This bit must be set to 1 to allow the device to transmit
data. The transmission of this data pattern is always timed off JACLK (Figure 1-1).
0 = transmit all ones at TTIP and TRING
1 = transmit data normally
ATUA1
CCR3.6
Automatic Transmit Unframed All Ones. Automatically transmit an unframed all-ones pattern at
TTIP and TRING during an RCL condition.
0 = disabled
1 = enabled
TAOZ
CCR3.5
Transmit Alternate Ones and Zeros. Transmit a …101010… pattern at TTIP and TRING. The
transmission of this data pattern is always timed off TCLK.
0 = disabled
1 = enabled
TPRBSE
CCR3.4
Transmit PRBS Enable. Transmit a 2
15 - 1 (E1) or a QRSS (T1) PRBS at TTIP and TRING.
0 = disabled
1 = enabled
TLCE
CCR3.3
Transmit Loop-Code Enable. Enables the transmit side to transmit the loop-up code in the transmit
code definition registers (TCD1 and TCD2). See Section 6 for details.
0 = disabled
1 = enabled
LIRST
CCR3.2
Line Interface Reset. Setting this bit from 0 to 1 initiates an internal reset that resets the clock
recovery state machine and recenters the jitter attenuator. Normally this bit is only toggled on
power-up. It must be cleared and set again for a subsequent reset.
IBPV
CCR3.1
Insert Bipolar Violation (BPV). A 0-to-1 transition on this bit causes a single bipolar violation to be
inserted into the transmit data stream. Once this bit has been toggled from 0 to 1, the device waits
for the next occurrence of three consecutive 1s to insert the BPV. This bit must be cleared and set
again for a subsequent error to be inserted (Figure 1-3).
IBE
CCR3.0
Insert Bit Error. A 0-to-1 transition on this bit causes a single logic error to be inserted into the
transmit data stream. This bit must be cleared and set again for a subsequent error to be inserted
(Figure 1-3).
CCR4 (03H): Common Control Register 4
(MSB)
(LSB)
L2
L1
L0
EGL
JAS
JABDS
DJA
TPD
NAME
POSITION
FUNCTION
L2
CCR4.7
Line Build-Out Select Bit 2. Sets the transmitter build-out (Table 7-A for E1, Table 7-B for T1).
L1
CCR4.6
Line Build Out Select Bit 1. Sets the transmitter build-out (Table 7-A for E1, Table 7-B for T1).
L0
CCR4.5
Line Build Out Select Bit 0. Sets the transmitter build-out (Table 7-A for E1, Table 7-B for T1).
EGL
CCR4.4
Receive Equalizer Gain Limit. This bit controls the sensitivity of the receive equalizer (Table 4-I).
JAS
CCR4.3
Jitter Attenuator Path Select
0 = place the jitter attenuator on the receive side
1 = place the jitter attenuator on the transmit side
JABDS
CCR4.2
Jitter Attenuator Buffer Depth Select
0 = 128 bits
1 = 32 bits (use for delay-sensitive applications)
DJA
CCR4.1
Disable Jitter Attenuator
0 = jitter attenuator enabled
1 = jitter attenuator disabled
TPD
CCR4.0
Transmit Power-Down
0 = normal transmitter operation
1 = powers down the transmitter and tri-states the TTIP and TRING pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com