Electronic Components Datasheet Search
  English  ▼

X  

LP3988 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LP3988
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LP3988 is a combination of a low-dropout linear regulator with an enable function, along with a Power Good
(PG) output. The enable function allows the LP3988 output to be selectively enabled, or disabled, as needed.
The PG output goes high when the LP3988 output voltage is typically above 95% of nominal.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Enable (EN)
A high input on the EN pin (VEN ≥ VIH) actives the device which turns the regulator to an ON state. A low input on
the EN pin (VEN ≤ VIL) disables the device which turns the regulator to an OFF state. Operating with VEN between
the VIL and the VIH thresholds is not recommended as the device status cannot be assured. For self-bias
applications where the EN function is not needed, connect the EN pin to the IN pin.
8.3.2 Regulated Output (OUT)
The OUT pin is the regulated output voltage based on the internally pre-programmed voltage. The output has
current limitation. In the event that the regulator drops out of regulation due to low input voltage, the output tracks
the input minus a drop based on the load current. There is no UVLO circuitry. Device behavior is undefined when
VIN is below the minimum operating input voltage of either 2.5 V, or VOUT + 200 mV, whichever is greater.
8.3.3 Power Good (PG) Output
The PG pin is an open-drain output and can be pulled up to any 6 V, or lower rail through an external pullup
resistor. The PG pin is high-impedance when VOUT is greater than the PG trip high threshold (VTHH). If VOUT is
less than the PG trip low threshold (VTHL), the open-drain output turns on and pulls the PG output low. If output
voltage monitoring is not needed, the PG pin can be left floating or connected to GND. The behavior of the
power-good feature is not ensured when VIN is less than 2.5 V.
8.3.4 PG Delay Time
The power-good delay times (tON, tOFF) are defined as the time period from when VOUT crosses either the PG high
trip threshold voltage (VTHH), or the PG low trip threshold voltage (VTHL), to when the PG output changes to the
appropriate state. The power-good delay times are set internally, and both are typically 10 µs. There is no
external adjustment available to alter the delay times.
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com