Electronic Components Datasheet Search
  English  ▼

X  

LP3988 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments LP3988 Datasheet HTML 15Page - Texas Instruments LP3988 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RPG
COUT
1 µF
CIN
1 µF
IN
OUT
EN
PG
GND
VOUT
VIN
LP3988
OFF
ON
VOUT OK
ERROR
VPG
VEN
LP3988
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3988 voltage regulator offers the benefit of ultra-low-dropout voltage, low noise, very low standby current,
and miniaturized surface-mount packaging. The LP3988 is designed for continuous, or sporadic (power backup),
battery-operated applications where very low standby current is critical to extending system battery life.
9.2 Typical Application
Figure 12. LP3988 Typical Application
9.2.1 Design Requirements
For typical CMOS voltage regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.5 V
Output voltages
various
Output current
150 mA
9.2.2 Detailed Design Procedure
9.2.2.1 External Capacitors
Like any low-dropout regulator, the LP3988 requires external capacitors for regulator stability. The LP3988 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
9.2.2.2 Input Capacitor
An input capacitance of at least 1
μF is required between the LP3988 IN pin and ground (the amount of the
capacitance may be increased without limit). This capacitor must be located a distance of not more than 1cm
from the input pin and returned to a clean analog ground. Any good quality ceramic, tantalum, or film capacitor
may be used at the input
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com