Electronic Components Datasheet Search
  English  ▼

X  

LP3988 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments LP3988 Datasheet HTML 15Page - Texas Instruments LP3988 Datasheet HTML 16Page - Texas Instruments LP3988 Datasheet HTML 17Page - Texas Instruments LP3988 Datasheet HTML 18Page - Texas Instruments LP3988 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LP3988
www.ti.com
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
9.2.3 Application Curves
Figure 13. Line Transient Response (LP3988-2.85 V)
Figure 14. Line Transient Response (LP3988-2.85 V)
Figure 15. Load Transient Response
Figure 16. Load Transient Response
10 Power Supply Recommendations
The LP3988 device is designed to operate from an input supply voltage range of 2.5 V to 6 V. The input supply
must be well regulated and free of spurious noise. To ensure that the LP3988 output voltage is well regulated
and dynamic performance is optimum, the input supply voltage is recommended to be at least the greater of
either VOUT + 200 mV, or 2.5 V.
11 Layout
11.1 Layout Guidelines
The dynamic performance of the LP3988 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP3988.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP3988 device, and
as close as is practical to the package. The ground connections for CIN and COUT must be back to the LP3988
GND pin using as wide and as short of a copper trace as is practical.
Avoid connections using long trace lengths, narrow trace widths, and/or connections through vias. These add
parasitic inductances and resistance that results in inferior performance especially during transient conditions.
The PG pin pullup resistor should be connected to the LP3988 OUT pin, with the pullup resistor located as close
to the PG pin as is practical.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com