Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3995
Description  Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3995 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3995 Datasheet HTML 2Page - Texas Instruments LP3995 Datasheet HTML 3Page - Texas Instruments LP3995 Datasheet HTML 4Page - Texas Instruments LP3995 Datasheet HTML 5Page - Texas Instruments LP3995 Datasheet HTML 6Page - Texas Instruments LP3995 Datasheet HTML 7Page - Texas Instruments LP3995 Datasheet HTML 8Page - Texas Instruments LP3995 Datasheet HTML 9Page - Texas Instruments LP3995 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LP3995
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, VEN = 1.5 V, VIN = VOUT + 1 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, CBYPASS = 0.01 µF. Typical
(TYP) values and limits apply for TJ = 25°C; minimum (MIN) and maximum (MAX) apply over the full temperature range for
operation,
−40 to +125°C, unless otherwise specified in the Test Conditions.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE OUTPUT: 2.5 V
≤ VOUT ≤ 3.3 V
IOUT = 1 mA, TJ = 25°C
–2
2
Output voltage tolerance
% of VOUT(NOM)
IOUT = 1 mA
–3
3
VIN = (VOUT(NOM)+1 V) to 6 V
Line regulation error
–0.1
0.1
%/V
IOUT = 1 mA
ΔVOUT
Load regulation error, DSBGA
IOUT = 1 mA to 150 mA
0.0004
0.002
%/mA
Load regulation error, WSON
IOUT = 1 mA to 150 mA
0.002
0.005
%/mA
IOUT = 1 mA
0.4
2
Dropout voltage
mV
IOUT = 150 mA
60
100
ƒ = 1 kHz, IOUT = 1 mA
60
PSRR
Power supply rejection ratio(3)
dB
ƒ = 10 kHz, IOUT = 1 mA
50
FULL VOUT RANGE
ILOAD
Load current
See(3)(4)
0
µA
VEN = 1.5 V, IOUT = 0 mA
85
150
IQ
Quiescent current
VEN = 1.5 V, IOUT = 150 mA
140
200
µA
VEN = 0.4 V
0.003
1.5
ISC
Short-circuit current limit
450
mA
BW = 10 Hz to 100 kHz,
EN
Output noise voltage(3)
25
µVRMS
VIN = 4.2 V, IOUT = 1 mA
Temperature
160
TSHUTDOWN
Thermal shutdown
°C
Hysteresis
20
ENABLE CONTROL CHARACTERISTICS
Maximum input current at EN
IEN
VEN = 0 V and VIN = 6 V
0.001
µA
input
VIL
Low input threshold
0.4
V
VIH
High input threshold
0.9
V
(4)
The device maintains a stable, regulated output voltage without load.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tON
Turnon time to 95% level (1)(2)
30
µs
tOFF
Turnoff time to 5% level (1)(3)
175
µs
(1)
This electrical specification is ensured by design.
(2)
Time from VEN = 0.9 V to VOUT = 95% (VOUT(NOM)).
(3)
Time from VEN = 0.4 V to VOUT = 5% (VOUT(NOM)).
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com