Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3995
Description  Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3995 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3995 Datasheet HTML 10Page - Texas Instruments LP3995 Datasheet HTML 11Page - Texas Instruments LP3995 Datasheet HTML 12Page - Texas Instruments LP3995 Datasheet HTML 13Page - Texas Instruments LP3995 Datasheet HTML 14Page - Texas Instruments LP3995 Datasheet HTML 15Page - Texas Instruments LP3995 Datasheet HTML 16Page - Texas Instruments LP3995 Datasheet HTML 17Page - Texas Instruments LP3995 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LP3995
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it must be ensured by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance remains
≅ 1
µF over the entire operating temperature range.
9.2.2.3 Output Capacitor
The LP3995 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types Z5U, Y5V or X7R) in the 1-µF to 10-µF range, and with ESR between 5 m
Ω to 500 mΩ, is
suitable in the LP3995 application circuit.
For this device the output capacitor should be connected between the OUT pin and ground.
It may also be possible to use tantalum or film capacitors at the device output, VOUT, but these are not as
attractive for reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
Table 2. Recommended Output Capacitor
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
Units
Capacitance(1)
0.7
1
µF
COUT
Output Capacitor
ESR
5
500
m
Ω
(1)
The capacitor tolerance should be ±30% or better over the temperature range. The recommended capacitor type is X7R however,
dependant on the application X5R, Y5V, and Z5U can also be used.
9.2.2.4 No-Load Stability
The LP3995 remains stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
9.2.2.5 Capacitor Characteristics
The LP3995 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 1 µF to 4.7 µF, ceramic capacitors are the smallest, least expensive
and have the lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a
typical 1-µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR requirement for
stability for the LP3995.
The temperature performance of ceramic capacitors varies by type. Most large value ceramic capacitors (
≥
2.2 µF) are manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance
dropping by more than 50% as the temperature goes from 25°C to +85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most stable
and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are less desirable than
ceramic for use as output capacitors because they are more expensive when comparing equivalent capacitance
and voltage ratings in the 1-µF to 4.7-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum increases about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
14
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com