Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3995
Description  Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3995 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3995 Datasheet HTML 13Page - Texas Instruments LP3995 Datasheet HTML 14Page - Texas Instruments LP3995 Datasheet HTML 15Page - Texas Instruments LP3995 Datasheet HTML 16Page - Texas Instruments LP3995 Datasheet HTML 17Page - Texas Instruments LP3995 Datasheet HTML 18Page - Texas Instruments LP3995 Datasheet HTML 19Page - Texas Instruments LP3995 Datasheet HTML 20Page - Texas Instruments LP3995 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
GND
EN
IN
GND
OUT
COUT
BYPASS
CIN
Thermal
Vias
1
2
3
4
5
6
EN
IN
CIN
GND
OUT
COUT
BYPASS
C3
C1
B2
A3
A1
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
10 Power Supply Recommendations
The LP3995 is designed to operate from an input voltage supply range from 2.5 V to 6 V.
11 Layout
11.1 Layout Guidelines
The dynamic performance of the LP3995 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP3995. Best
performance is achieved by placing CIN and COUT on the same side of the PCB as the LP3995, and as close as
is practical to the package. The ground connections for CIN and COUT should be back to the LP3995 ground pin
using as wide, and as short, of a copper trace as is practical. Connections using long trace lengths, narrow trace
widths, and/or connections through vias should be avoided. These add parasitic inductances and resistance that
result in inferior performance especially during transient conditions.
11.2 Layout Examples
Figure 22. LP3995 DSBGA Layout
Figure 23. LP3995 WSON Layout
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com