Electronic Components Datasheet Search
  English  ▼

X  

LP3996 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3996
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996 Datasheet(HTML) 2 Page - Texas Instruments

  LP3996 Datasheet HTML 1Page - Texas Instruments LP3996 Datasheet HTML 2Page - Texas Instruments LP3996 Datasheet HTML 3Page - Texas Instruments LP3996 Datasheet HTML 4Page - Texas Instruments LP3996 Datasheet HTML 5Page - Texas Instruments LP3996 Datasheet HTML 6Page - Texas Instruments LP3996 Datasheet HTML 7Page - Texas Instruments LP3996 Datasheet HTML 8Page - Texas Instruments LP3996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LDO1
LDO2
VREF
POR
+
-
VIN
EN1
EN2
CBYP
GND
SET
POR
VOUT2
VOUT1
1 2A
LP3996
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
www.ti.com
Functional Block Diagram
Pin Functions
Pin No
Symbol
Name and Function
1
VIN
Voltage Supply Input. Connect a 1 µF capacitor between this pin and GND.
2
EN1
Enable Input to Regulator 1. Active high input.
High = On. Low = OFF.
3
EN2
Enable Input to Regulator 2. Active high input.
High = On. Low = OFF.
4
CBYP
Internal Voltage Reference Bypass. Connect a 10nF capacitor from this pin to GND to reduce output
noise and improve line transient and PSRR.
This pin may be left open.
5
SET
Set Delay Input. Connect a capacitor between this pin and GND to set the POR delay time. If left open,
there will be no delay.
6
GND
Common Ground pin. Connect externally to exposed pad.
7
N/C
No Connection. Do not connect to any other pin.
8
POR
Power-On Reset Output. Open drain output. Active low indicates under-voltage output on Regulator 2.
A pull-up resistor is required for correct operation.
9
VOUT2
Output of Regulator 2. 300 mA maximum current output. Connect a 1 µF capacitor between this pin
and GND.
10
VOUT1
Output of Regulator 1. 150 mA maximum current output. Connect a 1 µF capacitor between this pin
and GND.
Pad
GND
Common Ground. Connect to Pin 6.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com