Electronic Components Datasheet Search
  English  ▼

X  

LP3996 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3996
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3996 Datasheet HTML 2Page - Texas Instruments LP3996 Datasheet HTML 3Page - Texas Instruments LP3996 Datasheet HTML 4Page - Texas Instruments LP3996 Datasheet HTML 5Page - Texas Instruments LP3996 Datasheet HTML 6Page - Texas Instruments LP3996 Datasheet HTML 7Page - Texas Instruments LP3996 Datasheet HTML 8Page - Texas Instruments LP3996 Datasheet HTML 9Page - Texas Instruments LP3996 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LP3996
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0 µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
LIMIT
SYMBOL
PARAMETER
CONDITIONS
TYP
UNITS
MIN
MAX
ISC
Short Circuit Current Limit
LDO 1
420
750
mA
LDO 2
550
840
IOUT
Maximum Output Current
LDO 1
150
mA
LDO 2
300
PSRR
Power Supply Rejection Ratio(5)
f = 1kHz, IOUT = LDO1
58
1mA to 150 mA
LDO2
70
CBYP = 10 nF
dB
f = 20 kHz, IOUT
LDO1
45
= 1mA to 150
mA
LDO2
60
CBYP = 10 nF
en
Output noise Voltage(5)
BW = 10 Hz to
VOUT = 0.8V
36
100kHz
µVRMS
VOUT = 3.3V
75
CBYP = 10 nF
TSHUTDOWN
Thermal Shutdown
Temperature
160
°C
Hysteresis
20
Enable Control Characteristics
IEN
Input Current at VEN1 or VEN2
VEN = 0.0V
0.005
0.1
µA
VEN = 6V
2
5
VIL
Low Input Threshold at VEN1 or
0.4
V
VEN2
VIH
High Input Threshold at VEN1 or
0.95
V
VEN2
POR Output Characteristics
VTH
Low Threshold % 0f VOUT2 (NOM)
Flag ON
88
%
High Threshold % 0f VOUT2 (NOM)
Flag OFF
96
IPOR
Leakage Current
Flag OFF, VPOR = 6.5V
30
nA
VOL
Flag Output Low Voltage
ISINK = 250 µA
20
mV
Timing Characteristics
TON
Turn On Time(5)
To 95% Level
300
µs
CBYP = 10 nF
Transient
Line Transient Response
Trise = Tfall = 10 µs
20
Response
|
δVOUT|
(5)
δVIN = 1VCBYP = 10 nF
Load Transient Response
Trise = Tfall = 1
LDO 1
|
δVOUT|
(5)
µs
IOUT = 1 mA to 150
175
mV
mA
(pk - pk)
LDO 2
IOUT = 1 mA to 300
150
mA
SET Input Characteristics
ISET
SET Pin Current Source
VSET = 0V
1.3
µA
VTH(SET)
SET Pin Threshold Voltage
POR = High
1.25
V
(5)
This electrical specification is specified by design.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com