Electronic Components Datasheet Search
  English  ▼

X  

LP3996 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3996
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3996 Datasheet HTML 7Page - Texas Instruments LP3996 Datasheet HTML 8Page - Texas Instruments LP3996 Datasheet HTML 9Page - Texas Instruments LP3996 Datasheet HTML 10Page - Texas Instruments LP3996 Datasheet HTML 11Page - Texas Instruments LP3996 Datasheet HTML 12Page - Texas Instruments LP3996 Datasheet HTML 13Page - Texas Instruments LP3996 Datasheet HTML 14Page - Texas Instruments LP3996 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LP3996
www.ti.com
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, CIN = 1.0 µF Ceramic, COUT1 = COUT2 = 1.0 µF Ceramic, CBYP = 10 nF, VIN = VOUT2(NOM) + 1.0V, TA
= 25°C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable pins are tied to VIN.
Power-on-Reset Start-up Operation
Power-on-Reset Shutdown Operation
Figure 23.
Figure 24.
POR Delay Time
Figure 25.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com