Electronic Components Datasheet Search
  English  ▼

X  

LP5560 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 18Page - Texas Instruments LP5560 Datasheet HTML 19Page - Texas Instruments LP5560 Datasheet HTML 20Page - Texas Instruments LP5560 Datasheet HTML 21Page - Texas Instruments LP5560 Datasheet HTML 22Page - Texas Instruments LP5560 Datasheet HTML 23Page - Texas Instruments LP5560 Datasheet HTML 24Page - Texas Instruments LP5560 Datasheet HTML 25Page - Texas Instruments LP5560 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
LED
GND
CTRL
VDD
0.1 F
Optional
bypass capacitor
VIA to GND
VIA to
GND
VIA to VDD
To control
signal
22
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LP5560 is designed to operate from an input voltage supply range between 2.7 V and 5.5 V. This input
supply must be well regulated. If the input voltage has high noise content TI recommends adding a dedicated
ceramic bypass capacitor close to the VDD and GND pins. Depending on the selected LED it may be necessary
to increase the minimum input voltage. The minimum input voltage must always be 100 mV higher than the LED
maximum forward voltage.
10 Layout
10.1 Layout Guidelines
•
Normally the LP5560 device does not require any external components except for the LED. However, in a
noisy environment a small 0.1-µF bypass capacitor can be connected between VIN and GND pins.
•
TI recommends routing the pins in a 45-degree angle to avoid component rotation during soldering process.
•
Use traces with similar width for all pins. This makes the exposed copper area similar for all pins and
improves the soldering reliability.
•
Obtain the minimum clearance and trace width from the manufacturer of the PCB used for the board.
10.2 Layout Example
Figure 27. LP5560 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com