Electronic Components Datasheet Search
  English  ▼

X  

LP5560 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 10Page - Texas Instruments LP5560 Datasheet HTML 11Page - Texas Instruments LP5560 Datasheet HTML 12Page - Texas Instruments LP5560 Datasheet HTML 13Page - Texas Instruments LP5560 Datasheet HTML 14Page - Texas Instruments LP5560 Datasheet HTML 15Page - Texas Instruments LP5560 Datasheet HTML 16Page - Texas Instruments LP5560 Datasheet HTML 17Page - Texas Instruments LP5560 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3.5 Rise and Fall Time Settings
Rise and fall times of each pulse can be programmed independently. Rise and fall time can be set from 0 to
1584 ms with 105.6 ms steps. Rise and fall times are generated using a combined PWM and current control.
Ramp has 32 PWM steps. For the first 8 steps LED current is decreased to 12.5%. For the remaining steps
current is set to 100%. Each step is 3.3 ms long. This results in the minimum ramp time of 3.3 ms × 32 = 105.6
ms. When ramp time is increased each PWM step is done multiple times. When setting rise and fall times they
are always rounded down. For example if calibration pulse length is 1 ms and rise time setting pulse is 2.9 ms
rise time is set to 2 which is 211.2 ms. Rise and fall times can be set to zero by giving pulse that is shorter than
calibration pulse.
Table 3. Rise and Fall Time Settings
RAMP SETTING
RAMP TIME (ms)
0
0
1
105.6
2
211.2
3
316.8
4
422.4
5
528 default
6
633.6
7
739.2
8
844.8
9
950.4
10
1056
11
1161.6
12
1267.2
13
1372.8
14
1478.4
15
1584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com