| Electronic Components Datasheet Search |
|
LP5560 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5560 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 29 page ![]() Command entering period Blank period CTRL LED To Standby Command entering period Blank period Programmed sequence CTRL LED To Standby 10 LP5560 SNVS873D – AUGUST 2012 – REVISED JUNE 2016 www.ti.com Product Folder Links: LP5560 Submit Documentation Feedback Copyright © 2012–2016, Texas Instruments Incorporated 7.3.2.1 Run Command One rising edge of the CTRL signal within command entering period is interpreted as a run command. The CTRL pin must be kept high during blank period. If the CTRL pin is pulled low during command entering period or blank period device goes to stand by. In run mode (mode bit = 1) blinking sequence is started right after Blank period and it is repeated as long as CTRL signal is kept high. When the CTRL signal is set low device goes into standby mode (Figure 9). Figure 9. Run Mode In follow mode (mode bit = 0) LED is turned on right after a blank period, and it stays on as long as CTRL is kept high. When CTRL signal is set low LED is turned off and device goes into standby mode (Figure 10). Figure 10. Follow Mode 7.3.2.2 Training Start Command Two rising edges of CTRL signal within command entering period is interpreted as training start command. Training start command starts training sequence. Different blinking sequences can be trained into device in training mode. Training mode is described in more details in Training Mode. 7.3.2.3 Training End Command Three rising edges of CTRL signal within command entering period is interpreted as training end command. Training end is used to stop the training sequence. 7.3.2.4 Run-Once Command Four rising edges of the CTRL signal within command entering period is interpreted as a run-once command. Programmed blinking sequence is performed once after a run-once command. If CTRL is kept high after command entering period the programmed blinking sequence starts right after the blank period has elapsed (Figure 11). The CTRL signal must stay high as long as programmed blinking sequence is executed. If CTRL is set low during execution of blinking sequence, device goes to standby and execution of blinking sequence is stopped. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |