| Electronic Components Datasheet Search |
|
TLC5973DR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5973DR Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 34 page ![]() t R1 t F0 fCLK(SDI) SDI SDO t D0 t D1 t D1 OUT0 ON OFF ON OFF ON OFF t F1 (V ) OUTnH (V ) OUTnL OUT1 OUT2 VCC Data Transfer Period Memory (Internal in 1st Device) 1st Device 1st Data (0) fCLK(SDI) Data transfer period (t CYCLE) is stored. tSDI t WO tWL tWH OUTEN Signal (Internal) Low = SDI data are not output from SDO. SCLK Signal (Internal in 1st Device) 48-Bit Shift Register MSB (Internal in 1st Device) 48-Bit Shift Register MSB-1 (Internal in 1st Device) 48-Bit Shift Register LSB+1 (Internal in 1st Device) Recognized Data, SIN Signal (Internal in 1st Device) 48-Bit Shift Register LSB (Internal in 1st Device) GSLAT Signal (Internal in 1st Device) New GS Data t R0 (All GS data are ‘0’ when VCC powers up.) Data transfer period (t CYCLE) is stored. 2nd Data (0) 3rd Data (1) 4th Data (1) 5th Data (1) 48th Data (0) 2nd Device 1st Data (0) 2nd Data (0) 48th Data (0) 1st Device 1st Data (0) 1st Data (0) 47th Data 48th Data (0) 4th Data (1) 3rd Data (1) 2nd Data (0) 5th Data (1) 1st Data (0) 4th Data (1) 3rd Data (1) 2nd Data (0) 5th Data (1) 4th Data (1) 1st Data (0) 3rd Data (1) 2nd Data (0) 1st Data (0) 1st Data (0) 48th Data (0) 3rd Data (0) 2nd Data (0) (1) (1) (1) SCLK Signal (Internal in 2nd Device) 48th Data (0) 47th Data 47th Data 2nd Data (0) 1st Data (0) 46th Data High = SDI data are output from SDO. 1st Data (0) (All GS data are ‘0’ when VCC powers up.) 47th Data (0) 48th Data (0) New GS Data 36-Bit GS Data Latch (Internal in 1st Device) GS Data Latch (Internal in 2nd Device) GSLAT Signal (Internal in 2nd Device) 48-Bit Shift Register LSB (Internal in 2nd Device) t (for EOS) H0 t (for GSLAT) H1 48th Data (0) TLC5973 www.ti.com SBVS225B – MARCH 2013 – REVISED MAY 2014 Timing Diagrams (continued) (1) OUTn on-time changes, depending on the data in the 36-bit GS data latch. Figure 11. Data Write and OUTn Switching Timing Copyright © 2013–2014, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: TLC5973 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |