Electronic Components Datasheet Search
  English  ▼

X  

TLC5973DR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5973DR
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5973DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5973DR Datasheet HTML 9Page - Texas Instruments TLC5973DR Datasheet HTML 10Page - Texas Instruments TLC5973DR Datasheet HTML 11Page - Texas Instruments TLC5973DR Datasheet HTML 12Page - Texas Instruments TLC5973DR Datasheet HTML 13Page - Texas Instruments TLC5973DR Datasheet HTML 14Page - Texas Instruments TLC5973DR Datasheet HTML 15Page - Texas Instruments TLC5973DR Datasheet HTML 16Page - Texas Instruments TLC5973DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VCC (V
)
LED
GND
SDI
Connector (Male)
To
N+2nd
Device
PCB
To N-1st
Device
PCB or
Controller
and Power
Supply
N+1st Device PCB
Nth Device PCB
TLC5973
www.ti.com
SBVS225B – MARCH 2013 – REVISED MAY 2014
8.3.5 Connector Design
When the connector pin of the device application printed circuit board (PCB) is connected or disconnected to
other PCBs, the power must be turned off to avoid device malfunction or failure. Furthermore, designing the
connector GND pin to be longer than other pins (as shown in Figure 12) is preferable. This arrangement allows
the GND line to either be connected first or disconnected last, which is imperative for proper device function.
Figure 12. Connector Pin Design Application
8.4 Device Functional Modes
8.4.1 Grayscale (GS) Function (PWM Control)
The TLC5973 can adjust the brightness of each output channel using a pulse width modulation (PWM) control
scheme. The PWM data bit length for each output is 12 bits. The architecture of 12 bits per channel results in
4096 brightness steps, from 0% to 99.98% on-time duty cycle.
The PWM operation for OUTn is controlled by an 12-bit grayscale (GS) counter. The GS counter increments on
each internal GS clock (GSCLK) rising edge. All OUTn are turned on when the GS counter is ‘1’, except when
OUTn are programed to GS data '0' in the 36-bit GS data latch. After turning on, each output is turns off when
the GS counter value exceeds the programmed GS data for the output. The GS counter resets to 000h and all
outputs are forced off when the GS data are written to the 36-bit GS data latch. Afterwards, the GS counter
begins incrementing and PWM control is started from the next internal GS clock.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLC5973



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com