Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 11Page - Texas Instruments LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Frequency (Hz)
10
100
1000
10000
100000
1000000
0
0.2
0.4
0.6
0.8
1
1.2
D044
1 mA
500 mA
Frequency (Hz)
10
100
1000
10000
100000
1000000
0
0.2
0.4
0.6
0.8
1
1.2
D045
1 mA
500 mA
IOUT (mA)
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
175
200
225
D042
-40°C
25°C
85°C
125°C
Frequency (Hz)
10
100
1000
10000
100000
1000000
0
0.2
0.4
0.6
0.8
1
1.2
D043
1 mA
500 mA
Time (µs)
0
5
10
15
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D036
VEN (V)
VOUT (V)
VPG (V)
IOUT (mA)
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
175
200
225
D041
-40°C
25°C
85°C
125°C
15
LP5912
www.ti.com
SNVSA77B – DECEMBER 2015 – REVISED JUNE 2016
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
IOUT = 500 mA
COUT = 1 µF
Figure 43. LP5912-1.8 VOUT vs VEN(OFF)
Figure 44. LP5912-1.8 Dropout Voltage (VDO) vs IOUT
Figure 45. LP5912-3.3 Dropout Voltage (VDO) vs IOUT
VIN = 1.6 V
Figure 46. LP5912-0.9 Noise vs Frequency
Figure 47. LP5912-1.8 Noise vs Frequency
Figure 48. LP5912-3.3 Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com