Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Time (Ps)
-50
0
50
100
150
200
250
300
350
400
450
0
0
0.5
0.15
1
0.3
1.5
0.45
2
0.6
2.5
0.75
3
0.9
3.5
1.05
4
1.2
4.5
1.35
5
1.5
D064
VEN (V)
VOUT (V)
IIN (A)
Time (Ps)
-50
0
50
100
150
200
250
300
350
400
450
0
0
0.5
10
1
20
1.5
30
2
40
2.5
50
3
60
3.5
70
4
80
4.5
90
5
100
D062
VEN (V)
VOUT (V)
IIN (mA)
Time (Ps)
-50
0
50
100
150
200
250
300
350
400
450
0
0
0.5
0.15
1
0.3
1.5
0.45
2
0.6
2.5
0.75
3
0.9
3.5
1.05
4
1.2
4.5
1.35
5
1.5
D063
VEN (V)
VOUT (V)
IIN (A)
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
100
120
140
160
180
200
220
240
260
280
300
D060
Time (Ps)
-50
0
50
100
150
200
250
300
350
400
450
0
0
1
100
2
200
3
300
4
400
5
500
D061
VEN (V)
VOUT (V)
IIN (mA)
16
LP5912
SNVSA77B – DECEMBER 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
IOUT = 0 mA (No Load)
Figure 49. LP5912-3.3 Turnon Time vs Junction
Temperature
CIN = Open
IOUT = 500 mA
COUT = 1 µF
Figure 50. LP5912-3.3 In-Rush Current
CIN = Open
IOUT = 1 mA
COUT = 1 µF
Figure 51. LP5912-3.3 In-Rush Current
CIN = Open
IOUT = 500 mA
COUT = 10 µF
Figure 52. LP5912-3.3 In-Rush Current
CIN = Open
IOUT = 1 mA
COUT = 10 µF
Figure 53. LP5912-3.3 In-Rush Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com