Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Current
Limit
IN
OUT
EN
Control
EN
Output
Discharge
140-µs
DELAY
PG
GND
3 M
RAD
100
Copyright © 2016, Texas Instruments Incorporated
EA
VIN
+
±
VBG
45 k
17
LP5912
www.ti.com
SNVSA77B – DECEMBER 2015 – REVISED JUNE 2016
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP5912 is a low-noise, high PSRR, low-dropout regulator capable of sourcing a 500-mA load. The LP5912
can operate down to 1.6-V input voltage and 0.8-V output voltage. This combination of low noise, high PSRR,
and low output voltage makes the device an ideal low dropout (LDO) regulator to power a multitude of loads from
noise-sensitive communication components to battery-powered system.
The LP5912 Functional Block Diagram contains several features, including:
•
Internal output resistor divider feedback;
•
Small size and low-noise internal protection circuit current limit;
•
Reverse current protection;
•
Current limit and in-rush current protection;
•
Thermal shutdown;
•
Output auto discharge for fast turnoff; and
•
Power-good output, with fixed 140-µs typical delay.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Enable (EN)
The LP5912 EN pin is internally held low by a 3-M
Ω resistor to GND. The EN pin voltage must be higher than the
VEN(ON) threshold to ensure that the device is fully enabled under all operating conditions. The EN pin voltage
must be lower than the VEN(OFF) threshold to ensure that the device is fully disabled and the automatic output
discharge is activated.
When the device is disabled the output stage is disabled, the PG output pin is low, and the output automatic
discharge is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com