Electronic Components Datasheet Search
  English  ▼

X  

LP8720 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments LP8720 Datasheet HTML 16Page - Texas Instruments LP8720 Datasheet HTML 17Page - Texas Instruments LP8720 Datasheet HTML 18Page - Texas Instruments LP8720 Datasheet HTML 19Page - Texas Instruments LP8720 Datasheet HTML 20Page - Texas Instruments LP8720 Datasheet HTML 21Page - Texas Instruments LP8720 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data Output
by
Transmitter
Data Output
by
Receiver
SCL
S
Start
Condition
Transmitter Stays Off the
Bus During the
Acknowledgement Clock
Acknowledgement
Signal From Receiver
1
2
3 - 6
7
8
9
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Acknowledge Cycle
The Acknowledge Cycle consists of two signals: the acknowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiving device.
The master generates the acknowledge clock pulse on the ninth clock pulse of the byte transfer. The transmitter
releases the SDA line (permits it to go high) to allow the receiver to send the acknowledge signal. The receiver
must pull down the SDA line during the acknowledge clock pulse and ensure that SDA remains low during the
high period of the clock pulse, thus signaling the correct reception of the last data byte and its readiness to
receive the next byte.
Figure 6. Bus Acknowledge Cycle
”Acknowledge After Every Byte” Rule
The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an acknowledge
signal after every byte received.
There is one exception to the “acknowledge after every byte” rule.
When the master is the receiver, it must indicate to the transmitter an end of data by not-acknowledging
(“negative acknowledge”) the last byte clocked out of the slave. This “negative acknowledge” still includes the
acknowledge clock pulse (generated by the master), but the SDA line is not pulled down.
Addressing Transfer Formats
Each device on the bus has a unique slave address. The LP8720 operates as a slave device. Slave address is
selectable by IDSEL-pin.
•
When IDSEL= VBATT then slave address is 7h’7F.
•
When IDSEL= floating (Hi-Z) then slave address is 7h’7C.
•
When IDSEL= GND then slave address is 7h’7D.
Before any data is transmitted, the master transmits the address of the slave being addressed. The slave device
should send an acknowledge signal on the SDA line, once it recognizes its address.
The slave address is the first seven bits after a Start Condition. The direction of the data transfer (R/W) depends
on the bit sent after the slave address — the eighth bit.
When the slave address is sent, each device in the system compares this slave address with its own. If there is a
match, the device considers itself addressed and sends an acknowledge signal. Depending upon the state of the
R/W bit (1:read, 0:write), the device acts as a transmitter or a receiver.
Control Register Write Cycle
•
Master device generates start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = '0').
•
Slave device sends acknowledge signal if the slave address is correct.
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master sends data byte to be written to the addressed register.
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com