Electronic Components Datasheet Search
  English  ▼

X  

LP8720 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments LP8720 Datasheet HTML 16Page - Texas Instruments LP8720 Datasheet HTML 17Page - Texas Instruments LP8720 Datasheet HTML 18Page - Texas Instruments LP8720 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
A-Type LDO Electrical Characteristics
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1)
Limit
Parameter
Test Conditions
LDO#
Typ
Units
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1mA, VOUT = 2.85V
-2%
+2%
2,3
-3%
+3%
ISC
Output Current Limit
VOUT = 0V
2,3
600
mA
VDO
Dropout Voltage
IOUT = IMAX
(2)
2,3
200
400
mV
ΔVOUT
Line Regulation
VOUT + 0.5V ≤ VIN ≤ 4.5V
2,3
1
mV
IOUT = IMAX
Load Regulation
1 mA
≤ IOUT ≤ IMAX
2,3
5
mV
eN
Output Noise Voltage
10Hz
≤ f ≤ 100kHz COUT = 1 µF
(3)
2,3
15
µVRMS
PSRR
Power Supply Ripple
f = 10 kHz, COUT = 1 µF, IOUT = 20
2,3
70
dB
Rejection Ratio
mA(3)
tstartup
Startup Time from Shutdown
COUT = 1 µF, IOUT = IMAX
(3)
2,3
35
µs
VTransient
Startup Transient Overshoot
COUT = 1 µF, IOUT = IMAX
(3)
2,3
30
mV
COUT
External output capacitance
2,3
1.0
0.5
20
µF
for stability
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
(3)
Ensured by design.
D-Type and LO-Type LDO Electrical Characteristics
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1)
Limit
Parameter
Test Conditions
LDO#
Typ
Units
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1mA, VOUT = 2.85V
-2%
+2%
1,5
-3%
+3%
IOUT = 1mA, VOUT = 1.20V
-2%
+2%
4
-3%
+3%
IOUT = 1mA, VOUT = 2.60V
-3%
+3%
4
-4%
+4%
ISC
Output Current Limit
VOUT = 0V
1,4,5
600
mA
VDO
Dropout Voltage
IOUT = IMAX
(2)
1,4,5
190
400
mV
ΔVOUT
Line Regulation
VOUT + 0.5V ≤ VIN ≤ 4.5V
1,4,5
2
mV
IOUT = IMAX
Load Regulation
1mA
≤ IOUT ≤ IMAX
1,4,5
5
mV
eN
Output Noise Voltage
10Hz
≤ f ≤ 100kHz, COUT = 1 µF
(3)
1,4,5
100
µVRMS
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
(3)
Ensured by design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com