Electronic Components Datasheet Search
  English  ▼

X  

LPC660 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LPC660
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPC660 Datasheet HTML 11Page - Texas Instruments LPC660 Datasheet HTML 12Page - Texas Instruments LPC660 Datasheet HTML 13Page - Texas Instruments LPC660 Datasheet HTML 14Page - Texas Instruments LPC660 Datasheet HTML 15Page - Texas Instruments LPC660 Datasheet HTML 16Page - Texas Instruments LPC660 Datasheet HTML 17Page - Texas Instruments LPC660 Datasheet HTML 18Page - Texas Instruments LPC660 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
Figure 38. Instrumentation Amplifier
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects
CMRR. Gain may be adjusted through R2. CMRR may be adjusted through R7.
Figure 39. Sine-Wave Oscillator
Oscillator frequency is determined by R1, R2, C1, and C2:
fOSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
Figure 40. 1 Hz Square-Wave Oscillator
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com