Electronic Components Datasheet Search
  English  ▼

X  

TLK1201IRCPR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK1201IRCPR
Description  ETHERNET TRANSCEIVERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201IRCPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1201IRCPR Datasheet HTML 6Page - Texas Instruments TLK1201IRCPR Datasheet HTML 7Page - Texas Instruments TLK1201IRCPR Datasheet HTML 8Page - Texas Instruments TLK1201IRCPR Datasheet HTML 9Page - Texas Instruments TLK1201IRCPR Datasheet HTML 10Page - Texas Instruments TLK1201IRCPR Datasheet HTML 11Page - Texas Instruments TLK1201IRCPR Datasheet HTML 12Page - Texas Instruments TLK1201IRCPR Datasheet HTML 13Page - Texas Instruments TLK1201IRCPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLK1201RCP, TLK1201IRCP
ETHERNET TRANSCEIVERS
SLLS506E − AUGUST 2001 − REVISED MAY 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
−0.3 V to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at TTL terminals, VI
−0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any other terminal
−0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge
CDM: 1 kV, HBM:2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Characterized free-air operating temperature range: TLK1201
0°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLK1201I
−40°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
RCP64§
5.25 W
46.58 mW/°C
2.89 W
RCP64
3.17 W
23.70 mW/°C
1.74 W
RCP64#
2.01 W
13.19 mW/°C
1.11 W
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
§ 2 oz. Trace and copper pad with solder
2 oz. Trace and copper pad without solder
# Standard JEDEC high-K board
NOTE: For more information, see the TI application note PowerPAD Thermally Enhanced
Package, TI literature number SLMA002.
thermal characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased to
thermal land
21.47
RθJA
Junction-to-free-air thermal resistance
Board-mounted, no air flow, high conductivity TI
recommended test board with thermal land but no
solder or grease thermal connection to thermal land
42.2
°C/W
Board-mounted, no air flow, JEDEC test board
75.83
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased to
thermal land
0.38
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, high conductivity TI
recommended test board with thermal land but no
solder or grease thermal connection to thermal land
0.38
°C/W
Board-mounted, no air flow, JEDEC test board
7.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com