Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5007 Datasheet HTML 4Page - National Semiconductor (TI) LM5007 Datasheet HTML 5Page - National Semiconductor (TI) LM5007 Datasheet HTML 6Page - National Semiconductor (TI) LM5007 Datasheet HTML 7Page - National Semiconductor (TI) LM5007 Datasheet HTML 8Page - National Semiconductor (TI) LM5007 Datasheet HTML 9Page - National Semiconductor (TI) LM5007 Datasheet HTML 10Page - National Semiconductor (TI) LM5007 Datasheet HTML 11Page - National Semiconductor (TI) LM5007 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ON Time generator and Shutdown (Continued)
Current Limit
The LM5007 contains an intelligent current limit off timer
intended to reduce the foldback characteristic inherent with
fixed off-time over-current protection. If the current in the
Buck switch exceeds 725mA the present cycle on time is
immediately terminated (cycle by cycle current limit). Follow-
ing the termination of the cycle a non-resetable current limit
off timer is initiated. The duration of the off time is a function
of the external resistor (R
CI) and the FB pin voltage. When
the FB pin voltage equals zero, the current limit off time is
internally preset to 17uS. This condition occurs in short
circuit operation when a maximum amount of off time is
required.
In cases of overload (not complete short circuit) the current
limit off time can be reduced as a function of the output
voltage (measured at the FB pin). Reducing the off time with
smaller overloads reduces the amount of foldback and also
reduces the initial start-up time. The current limit off time for
a given FB pin voltage and R
CI resistor can be calculated by
the following equation:
Toff=10
-5 / (0.59 + (V
FB /7.22x10
-6 xR
CL))
Applications utilizing low resistance inductors and/or a low
voltage drop rectifier may require special evaluation at high
line, short circuit conditions. In this special case the preset
17uS (FB = 0V) off time may be insufficient to balance the
inductor volt*time product. Additional inductor resistance,
output resistance or a larger voltage drop rectifier may be
necessary to balance the inductor cycle volt*time product
and limit the short circuit current.
N - Channel Buck Switch and
Driver
The LM5007 integrates an N-Channel Buck switch and as-
sociated floating high voltage gate driver. This gate driver
circuit works in conjunction with an external bootstrap ca-
pacitor and an internal high voltage diode. The bootstrap
capacitor is charged by V
CC through the internal high voltage
diode. A 0.01uF ceramic capacitor connected between the
BST pin and SW pin is recommended.
During each cycle when the Buck switch turns off, the SW
pin is approximately 0V. When the SW pin voltage is low, the
bootstrap capacitor will be charged from Vcc through the
internal diode. The minimum off timer, set to 300ns, ensures
that there will be a minimum interval every cycle to recharge
the bootstrap capacitor.
An external re-circulating diode from the SW pin to ground is
necessary to carry the inductor current after the internal
Buck switch turns off. This external diode must be of the
Ultra-fast or Schottky type to reduce turn-on losses and
current over-shoot. The reverse voltage rating of the re-
circulating diode must be greater than the maximum line
input voltage.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. When thermal protection is activated,
typically at 165 degrees Celsius, the controller is forced into
a low power reset state, disabling the output driver. This
feature is provided to prevent catastrophic failures from ac-
cidental device overheating.
20078307
FIGURE 3. Shutdown Implementation
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com