Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5007 Datasheet HTML 4Page - National Semiconductor (TI) LM5007 Datasheet HTML 5Page - National Semiconductor (TI) LM5007 Datasheet HTML 6Page - National Semiconductor (TI) LM5007 Datasheet HTML 7Page - National Semiconductor (TI) LM5007 Datasheet HTML 8Page - National Semiconductor (TI) LM5007 Datasheet HTML 9Page - National Semiconductor (TI) LM5007 Datasheet HTML 10Page - National Semiconductor (TI) LM5007 Datasheet HTML 11Page - National Semiconductor (TI) LM5007 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10V, 400mA Demo Board Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C1
C4532X7R2A105M
CAPACITOR, CER, TDK
1µ, 100V
C2
C4532X7R1E156M
CAPACITOR, CER, TDK
15µ, 25V
C3
C1206C104K5RAC
CAPACITOR, CER, KEMET
0.1µ, 50V
C4
C1206C103K5RAC
CAPACITOR, CER, KEMET
0.01µ, 50V
C5
C3216X7R2A104KT
CAPACITOR, CER, TDK
0.1µ, 100V
D1
MURA110T3
DIODE, 100V, ON SEMI
L1
SLF7045T-101MR60-1
BUCK INDUCTOR, TDK
100µH
R1
CRCW12062003F
RESISTOR
200K
R2
CRCW12061003F
RESISTOR
100K
R3
CRCW12063011F
RESISTOR
3.01K
R4
CRCW12061001F
RESISTOR
1K
R5
CRCW12061R00F
RESISTOR
1
U1
LM5007
REGULATOR, NATIONAL
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com