Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5007 Datasheet HTML 1Page - National Semiconductor (TI) LM5007 Datasheet HTML 2Page - National Semiconductor (TI) LM5007 Datasheet HTML 3Page - National Semiconductor (TI) LM5007 Datasheet HTML 4Page - National Semiconductor (TI) LM5007 Datasheet HTML 5Page - National Semiconductor (TI) LM5007 Datasheet HTML 6Page - National Semiconductor (TI) LM5007 Datasheet HTML 7Page - National Semiconductor (TI) LM5007 Datasheet HTML 8Page - National Semiconductor (TI) LM5007 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM5007
High Voltage (80V) Step Down Switching Regulator
General Description
The LM5007 Step Down Switching Regulator features all of
the functions needed to implement low cost, efficient, Buck
bias regulators. This high voltage regulator contains an 80 V,
0.7A N-Channel Buck Switch. The device is easy to apply
and is provided in the MSOP-8 and the thermally enhanced
LLP-8 packages. The regulator is based on a hysteretic
control scheme using an on time inversely proportional to
V
IN. This feature allows the operating frequency to remain
relatively constant with load and input voltage variations. The
hysteretic control requires no control loop compensation,
while providing very fast load transient response. An intelli-
gent current limit is implemented in the LM5007 with forced
off time that is inversely proportional to V
OUT. This current
limiting scheme reduces load current foldback. Additional
protection features include: Thermal Shutdown, Vcc under-
voltage lockout, gate drive undervoltage lockout, and Max
Duty Cycle limiter.
Features
n
Integrated 80V, 0.7A N-Channel Buck Switch
n
Internal HV Vcc Regulator
n
No Control Loop Compensation Required
n
Ultra-Fast Transient Response
n
On Time Varies Inversely with Line Voltage
n
Operating Frequency Nearly Constant with Varying Line
Voltage
n
Adjustable Output Voltage
n
Highly Efficient Operation
n
Precision Reference
n
Low Bias Current
n
Intelligent Current Limit Protection
n
Thermal Shutdown
n
External Shutdown Control
Typical Applications
n
Non-Isolated Buck Regulator
n
Secondary High Voltage Post Regulator
n
+42V Automotive Systems
Package
n
MSOP - 8
n
LLP - 8 (4mm x 4mm)
Connection Diagram
20078302
8-Lead MSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5007MM
MSOP-8
MUA08A
1000 Units on Tape and Reel
LM5007MMX
MSOP-8
MUA08A
3500 Units on Tape and Reel
LM5007SD
LLP-8
SDC08A
Available Soon
LM5007SDX
LLP-8
SDC08A
Available Soon
January 2004
© 2004 National Semiconductor Corporation
DS200783
www.national.com


Similar Part No. - LM5007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
280Kb / 12P
High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007 Datasheet
991Kb / 18P
High Voltage (80V) Step Down Switching Regulator
LM5007 TI2-LM5007 Datasheet
839Kb / 32P
LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
REVISED NOVEMBER 2018
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
More results

Similar Description - LM5007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
High Voltage 1A Step Down Switching Regulator
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
High Voltage (80V) Step Down Switching Regulator
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
High Voltage (80V) Step Down Switching Regulator
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
Step-down Voltage Switching Regulator
May, 2013
logo
Texas Instruments
SM74304 TI1-SM74304 Datasheet
238Kb / 13P
SM74304 High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com