Electronic Components Datasheet Search
  English  ▼

X  

VT33CT Datasheet(PDF) 41 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 41 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 37Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 38Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 39Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 40Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 41Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 42Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 43Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 44Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 45Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
36
Characteristics of Analog Optical Isolators
Figure 3. Typical LED AOI Distortion Characteristics
At high AC voltages, distortion to the waveform can be seen using an
oscilloscope. The waveform is still symmetrical but contains the
fundamental and the odd harmonics, the third harmonic being
predominant. If there is DC as well as AC voltage on the photocell,
both even and odd harmonics are generated.
The RMS value of voltage or current is not very sensitive to a large
third harmonic component, but the instantaneous value is. A 10%
harmonic will only change the RMS values by 0.5%. If the output is
used to control a thermal element, such as a thermal relay, circuit
operation is not affected. Further, when the AOI is used in ON-OFF
applications, waveform distortion is not a problem.
(a)
(b)
(d)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com