Electronic Components Datasheet Search
  English  ▼

X  

VT33CT Datasheet(PDF) 55 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 55 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 51Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 52Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 53Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 54Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 55Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 56Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 57Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 58Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 59Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
50
Typical Performance Curves (Per Element)
Output Resistance vs. Input Current
VTL5C4/2
Input Characteristics
Response Time
VTL5C4/2
Notes:
1.
At 1.0 mA and below, units may have substantially higher
resistance than shown in the typical curves. Consult factory if
closely controlled characteristics are required at low input
currents.
2.
Output resistance vs input current transfer curves are given for
the following light adapt conditions:
(1)
25°C — 24 hours @ no input
(2)
25°C — 24 hours @ 40 mA input
(3)
+50°C — 24 hours @ 40 mA input
(4)
–20°C — 24 hours @ 40 mA input
3.
Response time characteristics are based upon test following
adapt condition (2) above.
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com