Electronic Components Datasheet Search
  English  ▼

X  

VT33CT Datasheet(PDF) 48 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 48 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 44Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 45Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 46Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 47Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 48Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 49Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 50Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 51Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 52Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
43
Low Cost Axial Vactrols
VTL5C1, 5C2
PACKAGE DIMENSIONS inch (mm)
PLASTIC POTTING CONTOUR
NOT CONTROLLED
DESCRIPTION
VTL5C1 offers 100db dynamic range, fast response time, and very high dark resistance.
VTL5C2 features a very steep slope, low temperature coefficient of resistance, and a small light history memory.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Maximum Temperatures
Storage and Operating:
–40°C to 75°C
Cell Power:
175 mW
Derate above 30°C:
3.9 mW/°C
LED Current:
40 mA
Derate above 30°C:
0.9 mA/°C
LED Reverse Breakdown Voltage:
3.0 V
1
LED Forward Voltage Drop @ 20 mA:
2.0V (1.65V Typ.)
Min. Isolation Voltage @ 70% Rel. Humidity: 2500 VRMS
Output Cell Capacitance:
5.0 pF
Cell Voltage:
100V (VTL5C1),
200V (VTL5C2)
Input - Output Coupling Capacitance:
0.5 pF
ELECTRO-OPTICAL CHARCTERISTICS @ 25°C
Refer to Specification Notes, page 41.
Part
Number
Material
Type
ON Resistance
OFF
Resistance
@ 10 sec. (Min.)
Slope
(Typ.)
Dynamic Range
(Typ.)
Response Time
Input current
Dark
Adapted
(Typ.)
Turn-on to
63% Final RON
(Typ.)
Turn-off (Decay)
to 100 k
Ω
(Max.)
VTL5C1
1
1 mA
10 mA
40 mA
20 k
Ω
600
Ω
200
Ω
50 M
Ω
15
100 db
2.5 ms
35 ms
VTL5C2
0
1 mA
10 mA
40 mA
5.5 k
Ω
800
Ω
200
Ω
1 M
Ω
24
69 db
3.5 ms
500 ms
2
3
@ 0.5 mA
R@ 5 mA
------------------------
R
DARK
R@ 20 mA
------------------------
4
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com