Electronic Components Datasheet Search
  English  ▼

X  

TDA2SX Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2SX
Description  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SX Datasheet(HTML) 2 Page - Texas Instruments

  TDA2SX Datasheet HTML 1Page - Texas Instruments TDA2SX Datasheet HTML 2Page - Texas Instruments TDA2SX Datasheet HTML 3Page - Texas Instruments TDA2SX Datasheet HTML 4Page - Texas Instruments TDA2SX Datasheet HTML 5Page - Texas Instruments TDA2SX Datasheet HTML 6Page - Texas Instruments TDA2SX Datasheet HTML 7Page - Texas Instruments TDA2SX Datasheet HTML 8Page - Texas Instruments TDA2SX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 426 page
background image
2
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
1.2
Applications
•
Mono or Stereo Front Camera
–
Object Detection
–
Pedestrian Detection
–
Traffic Sign Recognition
–
Lane Detection and Departure Warning
–
Automatic Emergency Braking
–
Adaptive Cruise Control
–
Forward Collision Warning
–
High Beam Assist
•
LVDS or Ethernet Surround View
–
3D surround view
–
Rear object detection
–
Parking assist
–
Pedestrian Detection
–
Lane tracking
–
Drive Recording
•
Sensor Fusion – Vision, Radar, Ultrasonic, Lidar
sensors
–
Object data fusion
–
Raw data fusion
1.3
Description
TI’s new TDA2x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to
meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA2x family
enables broad ADAS applications in today’s automobile by integrating an optimal mix of performance, low
power and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free
driving experience.
The TDA2x SoC enables sophisticated embedded vision technology in today’s automobile by enabling the
industry’s broadest range of ADAS applications including front camera, park assist, surround view and
sensor fusion on a single architecture.
The TDA2x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac, ARM
Cortex-A15 MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for decoding
multiple video streams over an Ethernet AVB network, along with graphics accelerators for rendering
virtual views, enable a 3D viewing experience. And the TDA2x SoC also integrates a host of peripherals
including multi-camera interfaces (both parallel and serial) for LVDS-based surround view systems,
displays, CAN and GigB Ethernet AVB.
The Vision AccelerationPac for this family of products includes multiple embedded vision engines (EVEs)
offloading the vision analytics functionality from the application processor while also reducing the power
footprint. The Vision AccelerationPac is optimized for vision processing with a 32-bit RISC core for
efficient program execution and a vector coprocessor for specialized vision processing.
Additionally, TI provides a complete set of development tools for the ARM, DSP, and EVE coprocessor,
including C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a
debugging interface for visibility into source code execution.
The TDA2x ADAS processor is qualified according to the AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA2x
FCBGA (760)
23.0 mm × 23.0 mm
1.4
Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
1.5
Functional Block Diagram
Figure 1-1 is functional block diagram of the superset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com