Electronic Components Datasheet Search
  English  ▼

X  

TDA2SX Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2SX
Description  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SX Datasheet(HTML) 49 Page - Texas Instruments

Back Button TDA2SX Datasheet HTML 45Page - Texas Instruments TDA2SX Datasheet HTML 46Page - Texas Instruments TDA2SX Datasheet HTML 47Page - Texas Instruments TDA2SX Datasheet HTML 48Page - Texas Instruments TDA2SX Datasheet HTML 49Page - Texas Instruments TDA2SX Datasheet HTML 50Page - Texas Instruments TDA2SX Datasheet HTML 51Page - Texas Instruments TDA2SX Datasheet HTML 52Page - Texas Instruments TDA2SX Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 426 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
49
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
www.ti.com
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
E18
rtck
rtck
0
O
PU
drive clk
(OFF)
0
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio8_29
14
IO
AF14
rtc_iso
rtc_iso
0
I
1.8/3.3
vddshv5
Yes
IHHV1833
PU/PD
AE14
rtc_osc_xi_clkin32
rtc_osc_xi_clkin32
0
I
1.8
vdda_rtc
No
LVCMOS
OSC
NA
AD14
rtc_osc_xo
rtc_osc_xo
0
O
1.8
vdda_rtc
No
LVCMOS
OSC
NA
AB17
rtc_porz
rtc_porz
0
I
1.8/3.3
vddshv5
Yes
IHHV1833
PU/PD
AH9
sata1_rxn0
sata1_rxn0
0
I
OFF
OFF
1.8
vdda_sata
NA
SATAPHY
NA
AG9
sata1_rxp0
sata1_rxp0
0
I
OFF
OFF
1.8
vdda_sata
NA
SATAPHY
NA
AG10
sata1_txn0
sata1_txn0
0
O
1.8
vdda_sata
NA
SATAPHY
NA
AH10
sata1_txp0
sata1_txp0
0
O
1.8
vdda_sata
NA
SATAPHY
NA
A24
spi1_cs0
spi1_cs0
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
gpio7_10
14
IO
Driver off
15
I
A22
spi1_cs1
spi1_cs1
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
sata1_led
2
O
spi2_cs1
3
IO
1
gpio7_11
14
IO
Driver off
15
I
B21
spi1_cs2
spi1_cs2
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart4_rxd
1
I
1
mmc3_sdcd
2
I
1
spi2_cs2
3
IO
1
dcan2_tx
4
IO
1
mdio_mclk
5
O
1
hdmi1_hpd
Yes / No
6
I
gpio7_12
14
IO
Driver off
15
I
B20
spi1_cs3
spi1_cs3
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart4_txd
1
O
mmc3_sdwp
2
I
0
spi2_cs3
3
IO
1
dcan2_rx
4
IO
1
mdio_d
5
IO
1
hdmi1_cec
Yes / No
6
IO
gpio7_13
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com