Electronic Components Datasheet Search
  English  ▼

X  

TDA2SX Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2SX
Description  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SX Datasheet(HTML) 41 Page - Texas Instruments

Back Button TDA2SX Datasheet HTML 37Page - Texas Instruments TDA2SX Datasheet HTML 38Page - Texas Instruments TDA2SX Datasheet HTML 39Page - Texas Instruments TDA2SX Datasheet HTML 40Page - Texas Instruments TDA2SX Datasheet HTML 41Page - Texas Instruments TDA2SX Datasheet HTML 42Page - Texas Instruments TDA2SX Datasheet HTML 43Page - Texas Instruments TDA2SX Datasheet HTML 44Page - Texas Instruments TDA2SX Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 426 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
41
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
www.ti.com
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AA4
mcasp5_axr1
mcasp5_axr1
0
IO
PD
PD
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
0
spi4_cs0
2
IO
1
uart9_rtsn
3
O
uart3_txd
4
O
vout2_d23
Yes / No
6
O
vin4a_d23
Yes / No
8
I
0
vin5a_d8
Yes / No
9
I
0
Driver off
15
I
AB9
mcasp5_fsx
mcasp5_fsx
0
IO
PD
PD
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
0
mcasp5_fsr
1
IO
spi4_d1
2
IO
0
uart9_txd
3
O
i2c5_scl
4
IO
1
vout2_d21
Yes / No
6
O
vin4a_d21
Yes / No
8
I
0
vin5a_d10
Yes / No
9
I
0
Driver off
15
I
U4
mdio_d
mdio_d
0
IO
PU
PU
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart3_ctsn
1
I
1
mii0_txer
3
O
0
vin2a_d0
Yes / No
4
I
0
vin4b_d0
Yes / No
5
I
0
gpio5_16
14
IO
Driver off
15
I
V1
mdio_mclk
mdio_mclk
0
O
PU
PU
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart3_rtsn
1
O
mii0_col
3
I
0
vin2a_clk0
Yes / No
4
I
vin4b_clk1
Yes / No
5
I
0
gpio5_15
14
IO
Driver off
15
I
W6
mmc1_clk
mmc1_clk
0
IO
PU
PU
15
1.8/3.3
vddshv8
Yes
SDIO1833
PU/PD
1
gpio6_21
14
IO
Driver off
15
I
Y6
mmc1_cmd
mmc1_cmd
0
IO
PU
PU
15
1.8/3.3
vddshv8
Yes
SDIO1833
PU/PD
1
gpio6_22
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com