Electronic Components Datasheet Search
  English  ▼

X  

TLV5619CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5619CPWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5619CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV5619CPWR Datasheet HTML 8Page - Texas Instruments TLV5619CPWR Datasheet HTML 9Page - Texas Instruments TLV5619CPWR Datasheet HTML 10Page - Texas Instruments TLV5619CPWR Datasheet HTML 11Page - Texas Instruments TLV5619CPWR Datasheet HTML 12Page - Texas Instruments TLV5619CPWR Datasheet HTML 13Page - Texas Instruments TLV5619CPWR Datasheet HTML 14Page - Texas Instruments TLV5619CPWR Datasheet HTML 15Page - Texas Instruments TLV5619CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
PARALLEL INTERFACE
Address
Decoder
A(0–15)
IS
WE
D(0–15)
CS
LDAC
WE
D(0–11)
TMS320C2XX, 5X
TLV5619
Address
Decoder
A(0–15)
TCLK0
R/W
D(0–15)
CS
LDAC
WE
D(0–11)
TMS320C3X
TLV5619
IOSTROBE
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
APPLICATION INFORMATION (continued)
The device latches data on the positive edge of WE. It must be enabled with CS low. LDAC low updates the
DAC with the value in the holding latch. LDAC is an asynchronous input and can be held low, if a separate
update is not necessary. However, to control the DAC using the load feature, LDAC can be driven low after the
positive WE edge.
Figure 11. Proposed Interface Between TLV5619 and TMS320C2XX, 5X DSPs
Figure 12. Proposed Interface Between TLV5619 and TMS320C3X DSPs
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com