Electronic Components Datasheet Search
  English  ▼

X  

TLV5619CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5619CPWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5619CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5619CPWR Datasheet HTML 9Page - Texas Instruments TLV5619CPWR Datasheet HTML 10Page - Texas Instruments TLV5619CPWR Datasheet HTML 11Page - Texas Instruments TLV5619CPWR Datasheet HTML 12Page - Texas Instruments TLV5619CPWR Datasheet HTML 13Page - Texas Instruments TLV5619CPWR Datasheet HTML 14Page - Texas Instruments TLV5619CPWR Datasheet HTML 15Page - Texas Instruments TLV5619CPWR Datasheet HTML 16Page - Texas Instruments TLV5619CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
TLV5619 INTERFACED TO TMS320C203 DSP
Hardware Interface
A2
A3
A4
A6
IS
D(0–11)
5 V
A
B
C
G1
G2A
G2B
CS
D(0–11)
Y1
VDD
PD
WE
REFIN
Output
REF191
OUT
LDAC
WE
RLOAD
TMS320C203
74AC138
TLV5619
12
Software
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
APPLICATION INFORMATION (continued)
Figure 13 shows an example of the connection between the TLV5619 and the TMS320C203 DSP. The only
other device that is needed in addition to the DSP and the DAC is the 74AC138 address decoding circuit . Using
this configuration, the DAC address is 0x0084 within the I/O memory space of the TMS320C203.
LDAC is held low so that the output voltage is updated with the rising WE edge. The power down mode is
deactivated permanently by pulling PD to VDD.
Figure 13. TLV5619 to TMS320C203 DSP Interface Connection
No setup procedure is needed to access the TLV5619. The output voltage can be set using one command:
out data_addr,
DAC_addr
Where data_addr points to the address location (in this example 0x0060) holding the new output voltage data
and DAC_addr is the I/O space address of the TLV5619 (in this example 0x0084).
The following code shows, how to use the timer of the TMS320C203 as a time base to generate a voltage ramp
with the TLV5619. A timer interrupt is generated every 205 µs. The corresponding interrupt service routine
increments the output code (stored at 0x0060) for the DAC and writes the new code to the TLV5619. Only the 12
LSBs of the data in 0x0060 are used by the DAC, so that the resulting period of the saw waveform is:
•
t = 4096
× 205 E-6 s = 0.84 s
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com